Electronic Components Datasheet Search
  English  ▼

X  

TP0610T Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP0610T
Description  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0610T Datasheet(HTML) 1 Page - Supertex, Inc

  TP0610T Datasheet HTML 1Page - Supertex, Inc TP0610T Datasheet HTML 2Page - Supertex, Inc TP0610T Datasheet HTML 3Page - Supertex, Inc TP0610T Datasheet HTML 4Page - Supertex, Inc TP0610T Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
TP0610T
General Description
This low threshold enhancement-mode (normally-off) transistor
utilizes a vertical DMOS structure and Supertex’s well-proven
silicon-gate manufacturing process. This combination produces a
device with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all MOS
structures, this device is free from thermal runaway and thermally-
induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
P-Channel Enhancement Mode
Vertical DMOS FETs
Product Marking
TO-236AB (SOT-23) (T)
T50W
W = Code for week sealed
= “Green” Packaging
DRAIN
SOURCE
GATE
Ordering Information
Device
Package Options
BV
DSS/BVDGS
(V)
R
DS(ON)
(max)
(Ω)
I
D(ON)
(min)
(mA)
TO-236AB (SOT-23)
TP0610T
TP0610T-G
-60
10
-50
TO-236AB (SOT-23) (T)
Features
► High input impedance and high gain
► Low power drive requirement
► Ease of paralleling
► Low C
ISS and fast switching speeds
► Excellent thermal stability
► Integral source-drain diode
► Free from secondary breakdown
Applications
► Logic level interfaces - ideal for TTL and CMOS
► Solid state relays
► Battery operated systems
► Photo voltaic systems
► Analog switches
► Power management
► Telecom switches
Pin Configuration
Package may or may not include the following marks: Si or
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Absolute Maximum Ratings
For packaged products, -G indicates package is RoHS compliant (‘Green’).
Consult factory for die / wafer form part numbers.
Refer to Die Specification VF21 for layout and dimensions.


Similar Part No. - TP0610T

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0610T SUTEX-TP0610T Datasheet
453Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
TP0610T VISHAY-TP0610T Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
05-Jul-04
TP0610T VISHAY-TP0610T Datasheet
75Kb / 5P
P-Channel 60-V (D-S) MOSFET
05-Jul-04
logo
Microchip Technology
TP0610T MICROCHIP-TP0610T Datasheet
1Mb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Vishay Siliconix
TP0610T-T1 VISHAY-TP0610T-T1 Datasheet
75Kb / 5P
P-Channel 60-V (D-S) MOSFET
05-Jul-04
More results

Similar Description - TP0610T

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com