Electronic Components Datasheet Search
  English  ▼

X  

TP0610T Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP0610T
Description  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0610T Datasheet(HTML) 3 Page - Supertex, Inc

  TP0610T Datasheet HTML 1Page - Supertex, Inc TP0610T Datasheet HTML 2Page - Supertex, Inc TP0610T Datasheet HTML 3Page - Supertex, Inc TP0610T Datasheet HTML 4Page - Supertex, Inc TP0610T Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TP0610T
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Typical Performance Curves
Output Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
Saturation Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
Maximum Rated Safe Operating Area
-0.1
-1.0
-10
-100
-1.0
-0.1
-0.01
-0.001
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
Transconductance vs. Drain Current
Power Dissipation vs. Temperature
0
25
50
75
100
125
150
0.5
0.4
0.3
0.2
0.1
0
SOT-23
SOT-23 (DC)
0
-10
-20
-30
-40
-50
0
-2.0
-4.0
-6.0
-8.0
-10
SOT-23 (pulsed)
T
A = 25
O
C
0.5
0.4
0.3
0.2
0.1
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
-6V
-4V
-3V
-8V
-6V
-3V
-4V
-8V
T
A = -55
O
C
25OC
125OC
SOT-23
P
D = 0.36W
T
A = 25
O
C
V
DS (volts)
V
GS = -10V
I
D (amperes)
T
A (
O
C)
V
DS (volts)
t
P (seconds)
V
DS (volts)
V
GS = -10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com