Electronic Components Datasheet Search
  English  ▼

X  

ACD-2148 Datasheet(PDF) 3 Page - Applied Concepts Inc.

Part # ACD-2148
Description  XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-2148 Datasheet(HTML) 3 Page - Applied Concepts Inc.

  ACD-2148 Datasheet HTML 1Page - Applied Concepts Inc. ACD-2148 Datasheet HTML 2Page - Applied Concepts Inc. ACD-2148 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL LCD/LED BACKLIGHT PERFORMANCE GRAPHS
Day mode
NVIS
Panel Brightness & LED Pow er vs. LED
drive current (Ta = +25Deg-C)
0
100
200
300
400
500
600
700
800
0
10
20
30
40
50
60
70
80
LED c urre nt (mA)
0
2
4
6
8
10
12
14
Panel B right ness
LED Power
Panel Brightness & LED Pow er vs. LED
drive current (Ta = +25Deg-C)
0
0.5
1
1.5
2
0
5
10
15
20
25
LED c urre nt (mA)
0.0
0.5
1.0
1.5
2.0
Panel B rightness
LED Power
ACD-2148
PRODUCT DATA SHEET PAGE 3 OF 3
01/14/13
397 Route 281
Tully, New York 13159
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com