Electronic Components Datasheet Search
  English  ▼

X  

ACD-2148 Datasheet(PDF) 2 Page - Applied Concepts Inc.

Part # ACD-2148
Description  XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-2148 Datasheet(HTML) 2 Page - Applied Concepts Inc.

  ACD-2148 Datasheet HTML 1Page - Applied Concepts Inc. ACD-2148 Datasheet HTML 2Page - Applied Concepts Inc. ACD-2148 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Top
Operating temperature of display (center of panel surface)
-30 to +70
Deg-C
Tled
Operating temperature of LED edge light (light rail contact)
-40 to +85
Deg-C
Tstg
Display storage temperature
-30 to +80
Deg-C
Ifwd
LED forward current (Day)
96
mA
Ifwd
LED forward current (NVIS)
30
mA
*Maximum Ratings are those values beyond which damage may occur
PANEL/BACKLIGHT OPTICAL CHARACTERISTICS
Ifwd(Day) = 80mA per bank, 2 banks per rail, 1 rails per display, Ifwd(NVIS) = 25mA per bank, 1 banks per rail,
LED rails: ACR-2152, Ta = +25Deg-C, LCD powered
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Bpd
Panel Brightness (Day)
585
650
715
cd/m2
Bpn
Panel Brightness (NVIS)
1.58
1.75
1.93
cd/m2
Xd
White X coordinate (Day mode)
0.275
-
Yd
White Y coordinate (Day mode)
0.295
-
XN
White X coordinate (NVIS)
0.310
-
YN
White Y coordinate (NVIS)
0.505
-
LED EDGE-LIGHT ELECTRICAL CHARACTERISTICS
Ifwd(Day) = 80mA, Ifwd(NVIS) = 25mA, Top = +25Deg-C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vfwd
LED rail forward voltage drop (Day mode)
71
79
87
Vdc
Vfwd
LED rail forward voltage drop (NVIS)
77
75
83
Vdc
ACD-2148
PRODUCT DATA SHEET PAGE 2 OF 3
01/14/13
397 Route 281
Tully, New York 13159
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com