Electronic Components Datasheet Search
  English  ▼

X  

ACD-2283 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACD-2283
Description  SXGA LED BACKLIT TFT DISPLAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-2283 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACD-2283 Datasheet HTML 1Page - Applied Concepts Inc. ACD-2283 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17.0 SXGA LED BACKLIT TFT DISPLAY
1000:1 dimming/Cool operation
GENERAL DESCRIPTION
AUO G170EG01 V1
LED BACKLIGHT FEATURES
LCD PANEL HIGHLIGHTS
ACD-2283
PRODUCT DATA SHEET PAGE 1 OF 2
08/14/2014
The ACD 2283 consists of the AUO G170EG01 V1 SXGA
TFT display modified with a high performance LED
backlight.
Customer Consigned panel
Performance at given brightness levels
700 cd/m2 with 20.1 watts LED power
Display outline identical to standard LED equipped panel
White LED edge-light rail
Two wire connection (Typically 11 inches long),
allows simple interconnect with LED driver1
Projected lifetime > 75,000 hours
Active fault protection keeps remaining LED s
operating normally if one should ever fail
1000:1 or better dimming ratio, guaranteed1
1 For best power transfer and control, use ACI-
E100300-2545 LED driver. Do not set the driver
output current (Ifwd) higher than the value
specified in the Maximum Ratings table of this
document. Please contact the factory for more
specific use LED driver solutions if required.
17.0 TFT Active Matrix Color
337.920 (H) mm x 270.336 (V) mm viewable area
SXGA 1280(x3) x 1024 pixels
16.7M colors (RGB 6-bits + Hi-FRC data)
1000:1 typical contrast ratio
Display Mode: Normally White
For complete LCD specification (standard panel), refer to
AUO datasheet G170EG01 V1
397 Route 281
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACD-2283

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-2238 ACIPOWER-ACD-2238 Datasheet
279Kb / 2P
XGA LED BACKLIT TFT DISPLAY
More results

Similar Description - ACD-2283

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-2148 ACIPOWER-ACD-2148 Datasheet
316Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2161 ACIPOWER-ACD-2161 Datasheet
149Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2238 ACIPOWER-ACD-2238 Datasheet
279Kb / 2P
XGA LED BACKLIT TFT DISPLAY
ACD-2315 ACIPOWER-ACD-2315 Datasheet
368Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2334 ACIPOWER-ACD-2334 Datasheet
368Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2403 ACIPOWER-ACD-2403 Datasheet
324Kb / 3P
SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2540 ACIPOWER-ACD-2540 Datasheet
325Kb / 3P
SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
17 SXGA TFT LCD display
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
19 SXGA TFT LCD display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com