Electronic Components Datasheet Search
  English  ▼

X  

ACD-2283 Datasheet(PDF) 2 Page - Applied Concepts Inc.

Part # ACD-2283
Description  SXGA LED BACKLIT TFT DISPLAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-2283 Datasheet(HTML) 2 Page - Applied Concepts Inc.

  ACD-2283 Datasheet HTML 1Page - Applied Concepts Inc. ACD-2283 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Top
Operating temperature of display (center of panel surface)
-30 to +85
Deg-C
Tled
Operating temperature of LED edge light (light rail contact)
-30 to +85
Deg-C
Tstg
Display storage temperature
-30 to +85
Deg-C
Ifwd
Maximum LED edge-light forward current (DC)
90
mA
PANEL/BACKLIGHT OPTICAL CHARACTERISTICS
Ifwd = 75mA per LED bank, 4 banks per rail, 1 rail per display (LED rail ACR-0684-2456), Ta = +25Deg-C, LCD un-powered
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Bp
Panel Brightness
630
700
770
cd/m2
X
White X coordinate
0.259
-
Y
White Y coordinate
0.285
-
LED EDGE-LIGHT ELECTRICAL CHARACTERISTICS
Ifwd = 75mA per LED bank, 4 banks per rail, 1 rail per display (LED rail ACR-0684-2456), Top = +25Deg-C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vfwd
LED rail forward voltage drop
60
67
74
Vdc
TYPICAL LCD/LED BACKLIGHT PERFORMANCE GRAPHS
Panel Brightness & LED Pow er vs. LED
drive current (Ta = +25Deg-C)
0
200
400
600
800
0
20
40
60
80
LED c urre nt (mA)
0.00
5.00
10.00
15.00
20.00
Panel B right ness
LED Power
Panel Brightness vs. Display Tem p
0.00
200.00
400.00
600.00
800.00
1000.00
- 30 - 20 - 10
0
10
20
30
40
50
60
70
80
90
Displa y Te mpera ture (De g- C)
LED - 700 cd/m2
ACD-2283
PRODUCT DATA SHEET PAGE 2 OF 2
08/14/2014
397 Route 281
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com