Electronic Components Datasheet Search
  English  ▼

X  

STW30NF20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW30NF20
Description  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30NF20 Datasheet(HTML) 1 Page - STMicroelectronics

  STW30NF20 Datasheet HTML 1Page - STMicroelectronics STW30NF20 Datasheet HTML 2Page - STMicroelectronics STW30NF20 Datasheet HTML 3Page - STMicroelectronics STW30NF20 Datasheet HTML 4Page - STMicroelectronics STW30NF20 Datasheet HTML 5Page - STMicroelectronics STW30NF20 Datasheet HTML 6Page - STMicroelectronics STW30NF20 Datasheet HTML 7Page - STMicroelectronics STW30NF20 Datasheet HTML 8Page - STMicroelectronics STW30NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2007
Rev 2
1/16
16
STP30NF20 - STB30NF20
STW30NF20
N-channel 200V - 0.065
Ω - 30A - TO-220/TO-247/D2PAK
Low gate charge STripFET™ Power MOSFET
Features
■ Gate charge minimized
■ 100% avalanche tested
■ Excellent figure of merit (RDS*Qg)
■ Very good manufactuing repeability
■ Very low intrinsic capacitances
Application
■ Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
PTOT
STP30NF20
200V
0.075
Ω
30A
125W
STW30NF20
200V
0.075
Ω
30A
125W
STB30NF20
200V
0.075
Ω
30A
125W
TO-247
1
2
3
1
2
3
TO-220
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STP30NF20
30NF20
TO-220
Tube
STW30NF20
30NF20
TO-247
Tube
STB30NF20
30NF20
D²PAK
Tape & reel
www.st.com


Similar Part No. - STW30NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW30NF20 STMICROELECTRONICS-STW30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
logo
Thinki Semiconductor Co...
STW30NF20 THINKISEMI-STW30NF20 Datasheet
2Mb / 7P
ThinkiSemi 200V,32A N-Channel Planar Process Power MOSFETs
logo
Inchange Semiconductor ...
STW30NF20 ISC-STW30NF20 Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW30NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NS15 STMICROELECTRONICS-STB30NS15 Datasheet
342Kb / 9P
N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
14-Nov-2007
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com