Electronic Components Datasheet Search
  English  ▼

X  

STW30NF20 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW30NF20
Description  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30NF20 Datasheet(HTML) 5 Page - STMicroelectronics

  STW30NF20 Datasheet HTML 1Page - STMicroelectronics STW30NF20 Datasheet HTML 2Page - STMicroelectronics STW30NF20 Datasheet HTML 3Page - STMicroelectronics STW30NF20 Datasheet HTML 4Page - STMicroelectronics STW30NF20 Datasheet HTML 5Page - STMicroelectronics STW30NF20 Datasheet HTML 6Page - STMicroelectronics STW30NF20 Datasheet HTML 7Page - STMicroelectronics STW30NF20 Datasheet HTML 8Page - STMicroelectronics STW30NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STP30NF20 - STW30NF20 - STB30NF20
Electrical characteristics
5/16
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=100V, ID=15A,
RG=4.7Ω, VGS=10V
(see Figure 16)
35
15.7
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=100V, ID=15A,
RG=4.7Ω, VGS=10V
(see Figure 16)
38
8.8
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current
(pulsed)
30
120
A
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD=30A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=30A, di/dt = 100A/µs,
VDD=100 V, Tj=25°C
155
0.96
12.4
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=30A, di/dt = 100A/µs,
VDD=100 V, Tj=150°C
194
1.42
14.6
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com