Electronic Components Datasheet Search
  English  ▼

X  

IXGF20N300 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGF20N300
Description  High Voltage IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF20N300 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGF20N300 Datasheet HTML 1Page - IXYS Corporation IXGF20N300 Datasheet HTML 2Page - IXYS Corporation IXGF20N300 Datasheet HTML 3Page - IXYS Corporation IXGF20N300 Datasheet HTML 4Page - IXYS Corporation IXGF20N300 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGF20N300
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 20A, VCE = 10V, Note 1
8
12
S
I
C(ON)
V
GE = 20V, VCE = 20V, Note 1
180
A
C
ies
1125
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
48
pF
C
res
16
pF
Q
g
31
nC
Q
ge
I
C = 20A, VGE = 15V, VCE = 600V
5.8
nC
Q
gc
12
nC
t
d(on)
38
ns
t
r
486
ns
t
d(off)
145
ns
t
f
210
ns
R
thJC
1.25 °C/W
R
thCS
0.15
°C/W
R
thJA
30
°C/W
Resistive Switching Times
I
C = 20A, VGE = 15V
V
CE = 960V, RG = 10Ω
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ISOPLUS i4-PakTM (HV) Outline
Pin 1 = Gate
Pin 2 = Emitter
Pin 3 = Collector
Tab 4 = Isolated
Notes:
1. Pulse test, t < 300μs, duty cycle, d < 2%.
2. Device must be heatsunk for high-temperature leakage current
measurements to avoid thermal runaway.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com