Electronic Components Datasheet Search
  English  ▼

X  

IXGF20N300 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGF20N300
Description  High Voltage IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF20N300 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGF20N300 Datasheet HTML 1Page - IXYS Corporation IXGF20N300 Datasheet HTML 2Page - IXYS Corporation IXGF20N300 Datasheet HTML 3Page - IXYS Corporation IXGF20N300 Datasheet HTML 4Page - IXYS Corporation IXGF20N300 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGF20N300
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
80
01
2
3
4
5
6
VCE - Volts
VGE = 25V
20V
15V
10V
5V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
160
180
200
220
0
2
4
6
8
1012
14
1618
2022
24
VCE - Volts
10V
15V
5V
VGE = 25V
20V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
10
20
30
40
50
60
70
80
01
23
4
5
6
7
8
VCE - Volts
VGE = 25V
20V
5V
10V
15V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 80A
I C = 20A
I C = 40A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
2
3
4
5
6
7
8
9
10
7
8
9
1011
1213
14
151617
1819
VGE - Volts
VGE = 15V
20A
40A
I C = 80A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
45
678
9
10
11
12
13
VGE - Volts
TJ = - 40ºC
25ºC
125ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com