Electronic Components Datasheet Search
  English  ▼

X  

HFQ02 Datasheet(PDF) 1 Page - Allied Components International

Part # HFQ02
Description  High Frequency, High Q Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HFQ02 Datasheet(HTML) 1 Page - Allied Components International

  HFQ02 Datasheet HTML 1Page - Allied Components International HFQ02 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Frequency, High Q Chip Inductor
HFQ02
900
900
850
850
800
760
640
510
680
640
620
600
550
500
460
430
415
405
400
500
480
460
450
415
415
410
405
400
355
350
335
320
320
360
350
335
315
325
325
IDC
Max
(mA)
HFQ02-0N6_-RC
HFQ02-0N7_-RC
HFQ02-1N0_-RC
HFQ02-1N1_-RC
HFQ02-1N2_-RC
HFQ02-1N3_-RC
HFQ02-1N4_-RC
HFQ02-1N6_-RC
HFQ02-1N7_-RC
HFQ02-1N8_-RC
HFQ02-1N9_-RC
HFQ02-2N0_-RC
HFQ02-2N1_-RC
HFQ02-2N2_-RC
HFQ02-2N3_-RC
HFQ02-2N4_-RC
HFQ02-2N5_-RC
HFQ02-2N6_-RC
HFQ02-2N7_-RC
HFQ02-2N8_-RC
HFQ02-2N9_-RC
HFQ02-3N0_-RC
HFQ02-3N1_-RC
HFQ02-3N2_-RC
HFQ02-3N3_-RC
HFQ02-3N4_-RC
HFQ02-3N5_-RC
HFQ02-3N6_-RC
HFQ02-3N8_-RC
HFQ02-3N9_-RC
HFQ02-4N0_-RC
HFQ02-4N1_-RC
HFQ02-4N3_-RC
HFQ02-4N6_-RC
HFQ02-4N7_-RC
HFQ02-5N0_-RC
HFQ02-5N4_-RC
HFQ02-5N6_-RC
HFQ02-5N9_-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
Designator
Q
Min.
SRF
Min.
(MHz)
RDC
Max.
(
Ω)
0.6
0.7
1.0
1.1
1.2
1.3
1.4
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.8
3.9
4.0
4.1
4.3
4.6
4.7
5.0
5.4
5.6
5.9
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
9500
9300
9100
8900
8700
8600
8400
8200
8100
7800
7700
7600
7500
6500
6500
6400
6200
5900
5500
5500
0.06
0.06
0.07
0.07
0.08
0.09
0.12
0.19
0.11
0.12
0.13
0.15
0.16
0.20
0.24
0.26
0.28
0.30
0.32
0.20
0.22
0.24
0.25
0.28
0.28
0.29
0.30
0.32
0.40
0.41
0.44
0.48
0.48
0.39
0.42
0.44
0.40
0.47
0.47
L,QTest
Freq.
(MHz)
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
C, S
C, S
C, S
C, S
C, S
C, S
C, S
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
600
HFQ02-1N5_-RC
1.5
500MHz, 500mV
14
10000
0.15
B, C, S
900
900
HFQ02-0N8_-RC
HFQ02-0N9_-RC
0.8
0.9
500MHZ, 500mV
500MHz, 500mV
14
14
10000
10000
0.06
0.06
B, C, S
B, C, S
370
HFQ02-3N7_-RC
3.7
500MHz, 500mV
14
8000
0.36
B, C, S
320
HFQ02-4N2_-RC
4.2
500MHz, 500mV
14
7300
0.48
B, C, S
330
HFQ02-5N1_-RC
5.1
500MHz, 500mV
14
6100
0.45
C, S
305
305
305
HFQ02-6N2_-RC
HFQ02-6N5_-RC
HFQ02-6N8_-RC
6.2
6.5
6.8
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
14
14
14
5100
5100
4800
0.52
0.52
0.55
C, S
C, S
H, J
All specifications subject to change without notice.
Features
• 0201 EIA Size SMD
• High Frequency
• Marked for Polarity
Electrical
Inductance Range: .6nH to 22nH
Tolerance: Available in: B= ±0.1nH, C= ±0.2nH,
S= ±0.3nH, H= ±3%, J= ±5%
Storage Temp:
-55ºC ~ +125ºC (after assembly)
Operating Temp: -55ºC ~ 125ºC
Rated Current: Based on 10% Inductance drop
Pre-Heat 150ºC, 1 minute
Physical
Packaging: 15000 pieces per 7 inch reel.
• Available in several Inductances Tolerances
• Multi layer Technology
Solderability
Solder Composition: Sn/Ag3.0/Cu0.5
Minimum of 95% of Electrode covered with solder.
Marking:
Polarity Mark
-5ºC ~ +40ºC @ 40%~70% Humidity (before assembly)
from the inital value.
Peak Temp: 245ºC ± 5ºC for 4 sec.± 1sec.
REVISED 05/06/13
1 of 2
To complete part number insert tolerance designator: B=±0.1nH, C=±0.2nH, S=±0.3nH, H=±3%, J=±5%
305
HFQ02-7N1_-RC
7.1
500MHz, 500mV
14
4800
0.55
H, J
• High “Q”
0.024±0.001
(0.60±0.03)
0.012±0.001
(0.30±0.03)
0.012±0.001
(0.30±0.03)
0.006±0.002
(0.15±0.05)


Similar Part No. - HFQ02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFQ100505T-121Y-N ETC1-HFQ100505T-121Y-N Datasheet
717Kb / 14P
SMD Chip Beads
HFQ100505T-221Y-N ETC1-HFQ100505T-221Y-N Datasheet
717Kb / 14P
SMD Chip Beads
HFQ160808T-121Y-N ETC1-HFQ160808T-121Y-N Datasheet
717Kb / 14P
SMD Chip Beads
HFQ160808T-221Y-N ETC1-HFQ160808T-221Y-N Datasheet
717Kb / 14P
SMD Chip Beads
HFQ160808T-301Y-N ETC1-HFQ160808T-301Y-N Datasheet
717Kb / 14P
SMD Chip Beads
More results

Similar Description - HFQ02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
High Frequency Chip Inductor
logo
TDK Electronics
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
High Q type inductor for high-frequency circuits
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
High Q type inductor for high-frequency circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com