Electronic Components Datasheet Search
  English  ▼

X  

HFQ02 Datasheet(PDF) 2 Page - Allied Components International

Part # HFQ02
Description  High Frequency, High Q Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HFQ02 Datasheet(HTML) 2 Page - Allied Components International

  HFQ02 Datasheet HTML 1Page - Allied Components International HFQ02 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Frequency, High Q Chip Inductor
HFQ02
305
310
270
250
230
230
220
190
IDC
Max
(mA)
HFQ02-7N5_-RC
HFQ02-7N8_-RC
HFQ02-9N1_-RC
HFQ02-9N4_-RC
HFQ02-10N_-RC
HFQ02-12N_-RC
HFQ02-15N_-RC
HFQ02-22N_-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
Designator
Q
Min.
SRF
Min.
(MHz)
RDC
Max.
(Ω)
7.5
7.8
9.1
9.4
10
12
15
22
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
500MHz, 500mV
14
14
14
14
14
14
14
14
4600
4600
4000
4000
3800
3300
2600
1900
0.55
0.51
0.65
0.73
0.85
0.85
0.89
1.29
L,QTest
Freq.
(MHz)
H, J
H, J
H, J
H, J
H, J
H, J
H, J
H, J
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
205
HFQ02-18N_-RC
18
500MHz, 500mV
14
2300
1.08
H, J
290
290
HFQ02-8N2_-RC
HFQ02-8N5_-RC
8.2
8.5
500MHZ, 500mV
500MHz, 500mV
14
14
4300
4300
0.57
0.57
H, J
H, J
All specifications subject to change without notice.
Features
• 0201 EIA Size SMD
• High Frequency
• Marked for Polarity
Electrical
Inductance Range: .6nH to 22nH
Tolerance: Available in: B= ±0.1nH, C= ±0.2nH,
S= ±0.3nH, H= ±3%, J= ±5%
Storage Temp: -55ºC ~ +125ºC (after assembly)
Operating Temp: -55ºC ~ 125ºC
Rated Current: Based on 10% Inductance drop
Pre-Heat 150ºC, 1 minute
Physical
Packaging: 15000 pieces per 7 inch reel.
• Available in several Inductances Tolerances
• Multi layer Technology
Solderability
Solder Composition: Sn/Ag3.0/Cu0.5
Minimum of 95% of Electrode covered with solder.
Marking: Polarity Mark
-5ºC ~ +40ºC @ 40%~70% Humidity (before assembly)
from the inital value.
Peak Temp: 245ºC ± 5ºC for 4 sec.± 1sec.
REVISED 05/06/13
2 of 2
To complete part number insert tolerance designator: B=±0.1nH, C=±0.2nH, S=±0.3nH, H=±3%, J=±5%
• High “Q”
0.024±0.001
(0.60±0.03)
0.012±0.001
(0.30±0.03)
0.012±0.001
(0.30±0.03)
0.006±0.002
(0.15±0.05)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com