Electronic Components Datasheet Search
  English  ▼

X  

TWM360 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TWM360
Description  360W Medical Grade AC/DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM360 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TWM360 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM360 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TWM360 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower TWM360 Datasheet HTML 4Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TWM360 Series
360W Medical Grade AC/DC Power Supplies
Enclosed with Top Fan (Suffix "T")
CN1: Input Connector
3-Pole Terminal block pitch: 8.25mm rate 20A/300V
Pin #
Signal
1
AC Neutral
2
AC Line
3
F.G.
CN2: +5VSB Output Connector
JST B2B-XH-A pitch:2.5mm or equivalent, mates with
female housing JST XHP-2 or equivalent
Pin #
Signal
1
+5VSB
2
GND
CN4: Main Output Connector
6-Pole Terminal block pitch: 8.25mm rate 20A/300V
Pin #
Signal
1
+Vo
2
+Vo
3
+Vo
4
RTN
5
RTN
6
RTN
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
MECHANICAL SPECIFICATIONS (Unit: mm)
INPUT & OUTPUT CONNECTORS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com