Electronic Components Datasheet Search
  English  ▼

X  

TWM360 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM360
Description  360W Medical Grade AC/DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM360 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM360 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM360 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TWM360 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower TWM360 Datasheet HTML 4Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TWM360 Series
360W Medical Grade AC/DC Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
ELECTRICAL SPECIFICATIONS
Input Voltage ........................ 90~264 VAC
Input Frequency ................... 47~63 Hz
Input Current ........................ 4.5A (rms) max. @ 115 VAC,
2.25A (rms) max. @ 230 VAC
Inrush Current ..................... 25A max. @ 115 VAC, 50A max.
@ 230 VAC at cold start +25°C
Earth Leakage Current ........ 300 µA max. @ 264 VAC, 63 Hz
Power Factor ....................... >0.95 @115 VAC, >0.9 @230 VAC
Output Power Ratings ......... See table
Output Voltage Regulation .. ±5%
Ripple and Noise ................ See table
+5V Standby Power .............. 0.25A @ convection, or
1A @ 15 CFM forced air cooling
Remote Inhibit ..................... Requires an external TTL high
level signal to inhibit the output
Current Share Option .......... Single wire, up to 4 units can be
connected in parallel within 10%
accuracy at full load
STANDARDS & COMPLIANCES
EMC Standards ................... EN55011, FCC Class B
Safety Standards ................. UL/IEC/EN 60601-1 3rd Edition,
ANSI/AAMI ES 60601-1: 2005,
CAN/CSA C22.2 No. 60601-1:08
Agency Approvals ................ CSA, CUS, TUV, CE, CB, FCC
Other Compliance ............... RoHS
FEATURES
• 90~264 VAC Universal Input
• 0.9 to 0.95 Power Factor
• 360W with Forced Air or 270W @ Convection Cooling
• +5V Standby Power
• Power Good Signal, Remote Sense, Remote On/Off
• Optional Current Share
GENERAL SPECIFICATIONS
Efficiency .................................. >83% at full load, 115 VAC
Switching Frequency ............... 80 KHz
Hold-up Time ........................... >20 ms at 115 VAC, 360W load
Operating Temperature ........... 0°C to +70°C
Derating ................................... Derate from 100% at +40°C
linearly to 50% at +70°C
Temperature Coefficient .......... ±0.04%/°C
Operating Humidity .................. 10% to 95% non-condensing
Short-Circuit Protection ........... Auto-recovery
Overload Protection ................. Set at 110% to 160% of the
maximum rating, Auto-recovery
Overvoltage Protection ............ Set at 130% maximum of the
nominal output voltage
Withstand Voltage .................... 4,000 VAC from input to output,
1,500 VAC from input to ground,
500 VAC from output to ground
MTBF ........................................ >100K hours at full load and
25°C ambient temperature
calculated per MIL-HDBK-217F
Notes:
1. Standard form factor is U-Bracket. For enclosed unit with end fan, add suffix "E"; For enclosed unit with top fan, add suffix "T"; For unit with "current share"
option, add suffix "D".
2. 15 CFM forced air is required to load the U-Bracket unit up to 360W. Without forced air, U-Bracket unit can operate at 270W @ +40°C ambient maximum.
3. R&N are measured at 20 MHz bandwidth with a 10µF electrolytic capacitor and with a 0.1µF ceramic capacitor in parallel.
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
.
n
i
M
d
a
o
L
d
a
o
L
.
x
a
M
)
2
(
t
u
p
t
u
O
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
)
p
-
p
V
(
)
3
(
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
n
o
i
t
c
e
v
n
o
C
@
M
F
C
5
1
@
2
1
-
0
6
3
M
W
T
V
2
1
+A
0A
5
.
2
2A
0
3%
5
±V
m
0
2
1W
0
6
3
/
W
0
7
2
4
2
-
0
6
3
M
W
T
V
4
2
+A
0A
5
2
.
1
1A
5
1%
5
±V
m
0
4
2W
0
6
3
/
W
0
7
2
0
3
-
0
6
3
M
W
T
V
0
3
+A
0A
9A
2
1%
5
±V
m
0
0
3W
0
6
3
/
W
0
7
2
6
3
-
0
6
3
M
W
T
V
6
3
+A
0A
5
.
7A
0
1%
5
±V
m
0
6
3W
0
6
3
/
W
0
7
2
8
4
-
0
6
3
M
W
T
V
8
4
+A
0A
3
6
.
5A
5
.
7%
5
±V
m
0
8
4W
0
6
3
/
W
0
7
2
4
5
-
0
6
3
M
W
T
V
4
5
+A
0A
5A
7
6
.
6%
5
±V
m
0
4
5W
0
6
3
/
W
0
7
2
7
5
-
0
6
3
M
W
T
V
7
5
+A
0A
4
7
.
4A
2
3
.
6%
5
±V
m
0
7
5W
0
6
3
/
W
0
7
2


Similar Part No. - TWM360

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TWM3 OHMITE-TWM3 Datasheet
481Kb / 2P
Ceramic Housed Radial Terminal Power
TWM3 OHMITE-TWM3 Datasheet
461Kb / 2P
Wide resistance range
TWM3JR05E OHMITE-TWM3JR05E Datasheet
111Kb / 1P
Ceramic Housed Radial Terminal Power
More results

Similar Description - TWM360

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TWM180 TRUMPOWER-TWM180 Datasheet
75Kb / 2P
180W Medical Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
500W Medical Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com