Electronic Components Datasheet Search
  English  ▼

X  

ECH8601R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECH8601R
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECH8601R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECH8601R Datasheet HTML 1Page - List of Unclassifed Manufacturers ECH8601R Datasheet HTML 2Page - List of Unclassifed Manufacturers ECH8601R Datasheet HTML 3Page - List of Unclassifed Manufacturers ECH8601R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
425
ns
Rise Time
tr
See specified Test Circuit.
1500
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
4000
ns
Fall Time
tf
See specified Test Circuit.
2860
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=6.5A
26.8
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=6.5A
1.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=6.5A
5.1
nC
Diode Forward Voltage
VSD
IS=6.5A, VGS=0V
0.75
1.2
V
Package Dimensions
Electrical Connection
unit : mm
7011-003
Switching Time Test Circuit
1
4
85
0.15
0.65
2.9
0.3
Top View
Bottom View
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : ECH8
PW=10
µs
D.C.
≤1%
P.G
50
Ω
Rg
Rg=1k
Ω
G
S
D
ID=3.5A
RL=2.86Ω
VDD=10V
VOUT
ECH8601R
VIN
4V
0V
VIN
87
6
5
123
4
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain
6 : Drain
7 : Drain
8 : Drain
Top view
SMD Type
Mosfets
Mos
Mosfets
Mos



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com