Electronic Components Datasheet Search
  English  ▼

X  

ECH8601R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECH8601R
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECH8601R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECH8601R Datasheet HTML 1Page - List of Unclassifed Manufacturers ECH8601R Datasheet HTML 2Page - List of Unclassifed Manufacturers ECH8601R Datasheet HTML 3Page - List of Unclassifed Manufacturers ECH8601R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
Low ON-resistance.
•
Built-in gate protection resistor.
•
2.5V drive.
•
Best suited for LiB charging and discharging Switch.
•
Common-drain type.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
±12
V
Drain Current (DC)
ID
6.5
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
40
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm) 1unit
1.4
W
Total Dissipation
PT
Mounted on a ceramic board (900mm2!0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=3.5A
7.0
10
S
RDS(on)1
ID=4A, VGS=4.5V
17
23
m
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=4A, VGS=4.0V
18
24
m
Ω
RDS(on)3
ID=4A, VGS=3.1V
20
30
m
Ω
RDS(on)4
ID=2A, VGS=2.5V
24
35
m
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
1140
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
420
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
190
pF
ECH8601R
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
SMD Type
Mosfets
Mos
Mosfets
Mos


Similar Part No. - ECH8601R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8601R SANYO-ECH8601R Datasheet
37Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - ECH8601R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com