Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC74 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74LVC74
Description  Dual D-type Flip Flops with Preset and Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC74 Datasheet(HTML) 8 Page - Hitachi Semiconductor

  HD74LVC74 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-14D
—
—
0.05 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
17
14
8
5.00
5.30 Max
0.83 Max
*0.22
+0.08
–0.07
0.20
± 0.06
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com