Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC74 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LVC74
Description  Dual D-type Flip Flops with Preset and Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC74 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LVC74 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74LVC74
Dual D-type Flip Flops with Preset and Clear
ADE-205-066C(Z)
Rev.3
September 1995
Description
The HD74LVC74 has independent data, preset, clear, and clock inputs Q and
Q outputs in a 14 pin
package. The logic level present at the data input is transferred to the output during the positive going
transition of the clock pulse. Preset and clear are independent of the clock and accomplished by a low level
at the appropriate input. Low voltage and high speed operation is suitable at the battery drive product (note
type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)


Similar Part No. - HD74LVC74

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LVC74FPEL RENESAS-HD74LVC74FPEL Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LVC74TELL RENESAS-HD74LVC74TELL Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LVC74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
Dual D-type Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
Dual D-type Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
Dual D Flip-Flops with Clear & Preset
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
Dual D Flip-Flops with Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com