Electronic Components Datasheet Search
  English  ▼

X  

CF4N60I Datasheet(PDF) 5 Page - Compact Technology Corp.

Part # CF4N60I
Description  Switch Mode Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CF4N60I Datasheet(HTML) 5 Page - Compact Technology Corp.

  CF4N60I Datasheet HTML 1Page - Compact Technology Corp. CF4N60I Datasheet HTML 2Page - Compact Technology Corp. CF4N60I Datasheet HTML 3Page - Compact Technology Corp. CF4N60I Datasheet HTML 4Page - Compact Technology Corp. CF4N60I Datasheet HTML 5Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CF4N60I
V1.1 2014-01
http://ctc-semicon.com
P5/5
UNIT:mm
SYMBOL
MIN
NOM
MAX
SYMBOL
MIN
NOM
MAX
A
2.10
2.50
D1
5.10
5.50
A1
0.95
1.30
E
5.80
6.30
B
0.80
1.25
e
2.25
2.30
2.35
b
0.50
0.80
L
7.70
8.50
b1
0.70
0.90
L1
1.45
1.95
C
0.45
0.60
R
0.30
C1
0.45
0.60
D
6.35
6.75
I-PAK MECHANICAL DATA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com