Electronic Components Datasheet Search
  English  ▼

X  

CF4N60I Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # CF4N60I
Description  Switch Mode Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CF4N60I Datasheet(HTML) 1 Page - Compact Technology Corp.

  CF4N60I Datasheet HTML 1Page - Compact Technology Corp. CF4N60I Datasheet HTML 2Page - Compact Technology Corp. CF4N60I Datasheet HTML 3Page - Compact Technology Corp. CF4N60I Datasheet HTML 4Page - Compact Technology Corp. CF4N60I Datasheet HTML 5Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CF4N60I
V1.1 2014-01
http://ctc-semicon.com
P1/5
■ MAXIMUM RATINGS(Tc=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Drain-source Voltage
VDS
600
V
gate-source Voltage
VGS
±30
V
Continuous Drain Current(TC=25℃)
ID
4
A
Drain Current-Pulsed
IDM
16
A
Total Dissipation
PD
50
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55-150
℃
Single Pulse Avalanche Energy
EAS
128
mJ
■ ELECTRONIC CHARACTERISTICS(Tc=25℃)
CHARACTERISTICS
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Drain-source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
600
V
Gate Threshold Voltage
VGS(TH)
VGS=VDS ,ID=250μA
2
4
V
Drain-source Leakage Current
IDSS
VDS=600V,VGS=0V
25
uA
Drain-Source Diode Forward Voltage
VSD
VGS=0V,IS=4A
1.4
V
Gate-body Leakage
Current (VDS = 0)
IGSS
VGS=±30V
±100
nA
Forward Transconductance
gfs
Vds=10V Id=2.0A
1
S
Static Drain-source On
Resistance
RDS(ON)
VGS=10V,ID=2.0A
2.5
Ω
Thermal Resistance
Junction-case
RthJ-c
2.5
℃
/W
DESCRIPTION
•
Electronic Ballast
•
Electronic Transformer
•
Switch Mode Power Supply
FEATURES
•
Low Thermal Resistance
•
High Iput Resistance
•
Fast Switching
•
ROHS Compliant
I-PAK
1-GATE 栅极
2-DRAIN 漏极
3-SOURCE 源极


Similar Part No. - CF4N60I

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
More results

Similar Description - CF4N60I

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60I CTC-CF6N60I Datasheet
790Kb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com