Electronic Components Datasheet Search
  English  ▼

X  

TX1467 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # TX1467
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1467 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  TX1467 Datasheet HTML 1Page - Pulse A Technitrol Company TX1467 Datasheet HTML 2Page - Pulse A Technitrol Company TX1467 Datasheet HTML 3Page - Pulse A Technitrol Company TX1467 Datasheet HTML 4Page - Pulse A Technitrol Company TX1467 Datasheet HTML 5Page - Pulse A Technitrol Company TX1467 Datasheet HTML 6Page - Pulse A Technitrol Company TX1467 Datasheet HTML 7Page - Pulse A Technitrol Company TX1467 Datasheet HTML 8Page - Pulse A Technitrol Company TX1467 Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
1
T608.R (11/04)
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Surface Mount, 1500 Vrms, Extended
and Standard Temperature Range
Dual SMT package contains both transmit and receive transformers
Models matched to leading transceiver ICs
Isolation voltage: 1500 Vrms
UL 1459 and UL 1950 recognized
EN 60950 safety agency approval per BABT
Lead-Free versions available upon request
Mechanical
Schematics
Electrical Specifications @ 25°C
SUGGESTED PAD LAYOUT
.050
TYP
1,27
.120
3,05
.100
TYP
2,54
.675
MAX
17,15
12X
.030
0,76
PE-XXXXX
DATE CODE
12
7
16
.100
2,54
.085
2,16
0°-8°
.040 / .050
1,02 / 1,27
.004/0,10 MAX
.340
MAX
8,64
.010 / .020
0,25 / 0,51
.600
MAX
15,24
.456
MAX
11,58
.500
12,70
.400
10,16
.640
16,26
Weight . . . . . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . . . . . . .250/reel
Tube . . . . . . . . . . . . . . . . . .30/tube
12
10
13
2
11
9
7
46
8
12
10
13
2
11
9
7
46
8
5
12
10
13
2
11
8
7
56
12
3
12
10
13
2
9
7
46
8
13
2
46
5
12
10 9
7
12
10
13
2
9
7
46
8
5
12
10
13
11
9
7
46
5
7
46
(See Pages 6 and 7 for Table Notes)
Turns Ratio B
OCL @ 25°C
LL
CW/W
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ± 2%)
(mH MIN)
(µH MAX)
(pF MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
EXTENDED TEMPERATURE RANGE MODELS1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-68841
1CT:2CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.70 & 1.70
AN/2
12-10, 4-6
PE-68822
1CT:2CT & 1:1.36CT
1.60 & 1.60
1.00 & 0.80
60 & 55
1.70 & 1.70
2.00 & 1.70
AN/1
12-10, 4-6
PE-68825
1:1.15CT & 1CT:2CT
1.60 & 1.60
0.80 & 0.80
60 & 50
1.00 & 1.00
1.20 & 2.00
AN/4
12-10, 4-6
PE-68826 E
1:1/1.26 & 1:2CT
1.20 & 1.20
0.80 & 0.80
50 & 60
1.00 & 1.00
1.10 & 1.70
AN/5
12-10, 4-6
PE-68827
1:1CT & 2:1
1.60 & 1.60
1.30 & 1.30
55 & 40
1.10 & 1.10
1.10 & 0.70
AN/6
1-3, 4-6
PE-68828
1CT:1CT & 1CT:1CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.00
AN/2
1-3, 4-6
PE-68874
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.20 & 1.20
1.40 & 1.40
AN/2
1-3, 4-6
PE-68877
1CT:1CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.80
AN/2
1-3, 4-6
PE-68882
1CT:1.15CT & 1CT:1CT
1.60 & 1.60
0.80 & 0.80
60 & 60
1.20 & 1.20
1.40 & 1.20
AN/2
12-10, 4-6
PE-68884
1CT:1.36CT & 1CT:1.36CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.20 & 1.20
1.40 & 1.40
AN/2
1-3, 4-6
PE-68887
1CT:1.41CT & 1CT:1.41CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.40 & 1.40
1.20 & 1.20
AN/2
12-10, 9-7
PE-68881
1CT:2.3CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
60 & 50
1.20 & 1.20
2.10 & 2.10
AN/2
10-12, 4-6
TX1277
1CT:1CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.80
AN/2
1-3, 4-6
STANDARD TEMPERATURE RANGE MODELS – OPERATING TEMPERATURE 0°C TO +70°C
T1131 I
1CT:1 & 1:1.36CT
0.70 & 0.70
0.70 & 0.70
20 & 20
0.25 & 0.50
0.80 & 0.40
AN/7
1-3, 9-7
PE-68861
1CT:2CT & 1CT:2CT
1.20 & 1.20
0.60 & 0.60
35 & 35
0.70 & 0.70
1.20 & 1.20
AN/2
12-10, 4-6
PE-68862
1CT:2CT & 1:1.36CT
1.20 & 1.20
0.60 & 0.80
35 & 37
0.70 & 0.70
1.20 & 0.90
AN/1
12-10, 4-6
PE-68863
1:2CT & 1:1.14CT
1.20 & 1.20
0.55 & 0.80
40 & 35
0.70 & 0.70
1.20 & 0.90
AN/5
12-10, 4-6
PE-68864 A
1CT:2CT & 1:1
1.20 & 1.20
0.30-0.55 & 0.80
30 & 30
0.70 & 0.70
1.20 & 0.70
AN/3
1-3, 5-6
PE-68865
1:1.15CT & 1CT:2CT
1.50 & 1.20
0.80 & 0.60
35 & 35
0.70 & 0.70
0.90 & 1.20
AN/4
12-10, 4-6
PE-68866 E
1:1/1.26 & 1:2CT
1.50 & 1.20
0.40 & 0.50
40 & 40
0.70 & 0.70
0.90 & 1.20
AN/5
12-10, 4-6
PE-68869
1CT:2CT & 1:1.08CT
1.20 & 1.20
0.60 & 0.60
40 & 30
0.70 & 0.70
1.10 & 0.90
AN/1
12-10, 4-6
PE-68836 E
1:1/1.26 & 1:1/1.26
1.50 & 1.50
0.40 & 0 .40
45 & 45
0.80 & 0.80
1.00 & 1.00
AN/7
12-10, 9-7
NOTE: For Quad Surface Mount packages, refer to data sheet T615. For Reinforced Insulation Models, refer to data sheet T617. For Octal Surface Mount packages, refer to data sheet T622.
AN
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25


Similar Part No. - TX1467

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX1467 ETC1-TX1467 Datasheet
242Kb / 8P
T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
logo
Pulse A Technitrol Comp...
TX1467 PULSE-TX1467 Datasheet
154Kb / 8P
TRANSFORMERS
TX1467NL PULSE-TX1467NL Datasheet
649Kb / 8P
T1/CEPT/ISDN-PRI TRANSFORMERS
TX1467NL PULSE-TX1467NL Datasheet
649Kb / 8P
T1/CEPT/ISDN-PRI TRANSFORMERS
TX1467NL PULSE-TX1467NL Datasheet
2Mb / 9P
T1/Cept/ISDN-PRI Transformers
More results

Similar Description - TX1467

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
X0013T3M XFMRS-X0013T3M_15 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-41 XFMRS-XF0013-41_15 Datasheet
45Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com