Electronic Components Datasheet Search
  English  ▼

X  

TX1467 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # TX1467
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1467 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  TX1467 Datasheet HTML 1Page - Pulse A Technitrol Company TX1467 Datasheet HTML 2Page - Pulse A Technitrol Company TX1467 Datasheet HTML 3Page - Pulse A Technitrol Company TX1467 Datasheet HTML 4Page - Pulse A Technitrol Company TX1467 Datasheet HTML 5Page - Pulse A Technitrol Company TX1467 Datasheet HTML 6Page - Pulse A Technitrol Company TX1467 Datasheet HTML 7Page - Pulse A Technitrol Company TX1467 Datasheet HTML 8Page - Pulse A Technitrol Company TX1467 Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
T1/CEPT/ISDN-PRI TRANSFORMERS
Single Through Hole, 1500 Vrms
Extended and standard temperature range
Dual and single through hole models available
Models matched to leading transceiver ICs
Most models UL and BABT recognized
Isolation Voltage: 1500 Vrms MIN
Lead-Free versions available upon request
Electrical Specifications @ 25°C
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250
MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXX
Date Code
.350
MAX
8,89
.500
MAX
12,70
.400
10,16
2
1
65
4
1
65
3
1
5
26
3
1
5
26
3
4
1
5
26
4
13
2
24
5
Weight . . . . . . . . . 1.2 grams
Tube . . . . . . . . . . . . .60/tube
Mechanical
Schematics
(See Pages 6 and 7 for Table Notes)
Turns Ratio B
OCL @ 25°C
CW/W
LL
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
STANDARD TEMPERATURE RANGE SINGLE TRANSFORMERS – OPERATING TEMPERATURE 0°C TO +70°C
PE-64931 G
1:1:1 (1:2CS)
1.20
25
0.50
0.70
0.70 & 0.70
HC/2
1-2
PE-64933
1CT:3CT
1.20
30
0.50
0.70
1.60
HC/4
1-5
PE-64934
1:1
1.20
25
0.50
0.70
0.70
HC/1
1-2
PE-64936
1CT:1
1.20
25
0.80
0.70
0.70
HC/3
1-5
PE-64937
1:1.36
1.20
35
0.80
0.70
0.80
HC/1
5-6
PE-64940
1.26CS:1 (1:1:1.58)
0.30
30
0.60
0.80
0.60
HC/2
1-4
PE-64941 D
1CS:1
0.80
30
0.60
0.80
0.60
HC/2
1-4
PE-64942
1CS:1.31
0.80
30
0.40
0.80
0.60
HC/2
1-4
PE-64943 A
1CT:2CT
1.20
30
0.30-0.55
0.70
1.20
HC/4
1-5
PE-65351 G
1:2CT
1.20
40
0.50
0.70
1.30
HC/3
2-6
PE-65363
1:4CT
0.50
40
1.00
0.50
1.50
HC/5
1-5
PE-65379
1:1.14CT
1.20
35
0.80
0.70
0.80
HC/5
1-5
PE-65388
1:1.15CT
1.50
35
0.60
0.70
0.90
HC/3
2-6
PE-65389 E
1:1/1.26
1.50
40
0.40
0.70
0.90
HC/3
2-6
PE-65415
1CT:2CT
1.20
30
0.50
0.70
1.20
HC/4
1-5
PE-65558
1:2.3CT
1.20
35
0.80
0.70
1.40
HC/5
1-5
PE-65586
1:1.36CT
1.20
35
0.80
0.70
0.90
HC/5
1-5
PE-65755
1CT:1CT
1.20
25
0.80
0.80
0.80
HC/4
1-5
PE-68644
1CT:1
0.70
20
0.70
0.20
0.80
HC/3
1-5
PE-68645
1:1.36CT
0.70
20
0.70
0.50
0.40
HC/5
1-5
T1054
1:1.5CT
1.20
30
0.60
0.70
1.00
HC/3
2-6
T1249
1:1.26CT
1.20
60
0.80
0.90
1.00
HC/4
2-6
EXTENDED TEMPERATURE RANGE SINGLE TRANSFORMERS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-65340
1:1.36
1.20
35
0.80
0.90
1.20
HC/1
5-6
PE-65770
1:1.15CT
1.50
40
0.80
0.90
1.00
HC/3
2-6
PE-65771
1CT:2CT
1.20
50
0.60
1.00
2.00
HC/4
2-6
PE-65778
1CT:1CT
1.20
40
1.00
1.00
1.00
HC/4
1-5
PE-68600
1CT:3CT
1.20
60
0.80
0.90
2.70
HC/4
1-5
PE-68664 E
1:1/1.26
1.50
50
0.80
0.90
1.10
HC/3
2-6
TX1252
1CT:1
1.20
40
1.00
1.00
1.00
HC/3
1-5
4
HC
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
T608.R (11/04)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com