Electronic Components Datasheet Search
  English  ▼

X  

P4SMAJ15 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4SMAJ15
Description  Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ15 Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4SMAJ15 Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ15 Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ15 Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ15 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
bidir. = C / CA
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ5.0
5.0
800
6.4 *)
7.8 *)
10.3
38.8
P4SMAJ5.0A
5.0
800
6.4 *)
7.0 *)
9.2
43.5
P4SMAJ6.5
6.5
500
7.2 *)
8.8 *)
12.3
32.5
P4SMAJ6.5A
6.5
500
7.2 *)
8.0 *)
11.2
35.7
P4SMAJ7.0
7.0
200
7.8 *)
9.5 *)
13.3
30.1
P4SMAJ7.0A
7.0
200
7.8 *)
8.7 *)
12.0
33.3
P4SMAJ7.5
7.5
100
8.3
10.1
14.3
28.0
P4SMAJ7.5A
7.5
100
8.3
9.2
12.9
31.0
P4SMAJ8.0
8.0
50
8.9
10.9
15.0
26.7
P4SMAJ8.0A
8.0
50
8.9
9.9
13.6
29.4
P4SMAJ8.5
8.5
10
9.4
11.5
15.9
25.2
P4SMAJ8.5A
8.5
10
9.4
10.4
14.4
27.8
P4SMAJ9.0
9.0
5
10.0
12.2
16.9
23.7
P4SMAJ9.0A
9.0
5
10.0
11.1
15.4
26.0
P4SMAJ10
10
5
11.1
13.5
18.8
21.3
P4SMAJ10A
10
5
11.1
12.3
17.0
23.5
P4SMAJ11
11
5
12.2
14.9
20.1
19.9
P4SMAJ11A
11
5
12.2
13.5
18.2
22.0
P4SMAJ12
12
5
13.3
16.2
22.0
18.2
P4SMAJ12A
12
5
13.3
14.8
19.9
20.1
P4SMAJ13
13
5
14.4
17.6
23.8
16.8
P4SMAJ13A
13
5
14.4
16.0
21.5
18.6
P4SMAJ14
14
5
15.6
19.0
25.8
15.5
P4SMAJ14A
14
5
15.6
17.3
23.2
17.2
P4SMAJ15
15
5
16.7
20.4
26.9
14.9
P4SMAJ15A
15
5
16.7
18.6
24.4
16.4
P4SMAJ16
16
5
17.8
21.7
28.8
13.9
P4SMAJ16A
16
5
17.8
19.8
26.0
15.4
P4SMAJ17
17
5
18.9
23.1
30.5
13.1
P4SMAJ17A
17
5
18.9
21.0
27.6
14.5
P4SMAJ18
18
5
20.0
24.4
32.2
12.4
P4SMAJ18A
18
5
20.0
22.2
29.2
13.7
P4SMAJ20
20
5
22.2
27.1
35.8
11.2
P4SMAJ20A
20
5
22.2
24.6
32.4
12.3
P4SMAJ22
22
5
24.4
29.8
39.4
10.2
P4SMAJ22A
22
5
24.4
27.1
35.5
11.3
P4SMAJ24
24
5
26.7
32.6
43.0
9.3
P4SMAJ24A
24
5
26.7
29.6
38.9
10.3
P4SMAJ26
26
5
28.9
35.3
46.6
8.6
P4SMAJ26A
26
5
28.9
32.1
42.1
9.5
P4SMAJ28
28
5
31.1
37.9
50.0
8.0
P4SMAJ28A
28
5
31.1
34.5
45.4
8.8
P4SMAJ30
30
5
33.3
40.1
53.5
7.5
P4SMAJ30A
30
5
33.3
36.9
48.4
8.3
P4SMAJ33
33
5
36.7
44.8
59.0
6.8
P4SMAJ33A
33
5
36.7
40.7
53.3
7.5
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com