Electronic Components Datasheet Search
  English  ▼

X  

P4SMAJ15 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P4SMAJ15
Description  Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ15 Datasheet(HTML) 3 Page - Diotec Semiconductor

  P4SMAJ15 Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ15 Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ15 Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ15 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
bidir. = C / CA
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ36
36
5
40.0
48.4
64.3
6.2
P4SMAJ36A
36
5
40.0
44.4
58.1
6.9
P4SMAJ40
40
5
44.4
54.2
71.4
5.6
P4SMAJ40A
40
5
44.4
49.3
64.5
6.2
P4SMAJ43
43
5
47.8
58.3
76.7
5.2
P4SMAJ43A
43
5
47.8
53.1
69.4
5.8
P4SMAJ45
45
5
50.0
61.0
80.3
5.0
P4SMAJ45A
45
5
50.0
55.5
72.7
5.5
P4SMAJ48
48
5
53.3
65.0
85.5
4.7
P4SMAJ48A
48
5
53.3
59.2
77.4
5.2
P4SMAJ51
51
5
56.7
69.2
91.1
4.4
P4SMAJ51A
51
5
56.7
62.9
82.4
4.9
P4SMAJ54
54
5
60.0
73.2
96.3
4.2
P4SMAJ54A
54
5
60.0
66.6
87.1
4.6
P4SMAJ58
58
5
64.4
78.6
103
3.9
P4SMAJ58A
58
5
64.4
71.5
93.6
4.3
P4SMAJ60
60
5
66.7
81.4
107
3.7
P4SMAJ60A
60
5
66.7
74.0
96.8
4.1
P4SMAJ64
64
5
71.1
86.7
114
3.5
P4SMAJ64A
64
5
71.1
78.9
103
3.9
P4SMAJ70
70
5
77.8
94.9
125
3.2
P4SMAJ70A
70
5
77.8
86.4
113
3.5
P4SMAJ75
75
5
83.3
102
134
3.0
P4SMAJ75A
75
5
83.3
92.5
121
3.3
P4SMAJ78
78
5
86.7
106
139
2.9
P4SMAJ78A
78
5
86.7
96.2
126
3.2
P4SMAJ85
85
5
94.4
115
151
2.6
P4SMAJ85A
85
5
94.4
105
137
2.9
P4SMAJ90
90
5
100
122
160
2.5
P4SMAJ90A
90
5
100
111
146
2.7
P4SMAJ100
100
5
111
135
179
2.2
P4SMAJ100A
100
5
111
123
162
2.5
P4SMAJ110
110
5
122
149
196
2.0
P4SMAJ110A
110
5
122
135
177
2.3
P4SMAJ120
120
5
133
162
214
1.9
P4SMAJ120A
120
5
133
148
193
2.1
P4SMAJ130
130
5
144
176
231
1.7
P4SMAJ130A
130
5
144
160
209
1.9
P4SMAJ150
150
5
167
204
268
1.5
P4SMAJ150A
150
5
167
185
243
1.6
P4SMAJ160
160
5
178
217
287
1.4
P4SMAJ160A
160
5
178
198
259
1.5
P4SMAJ170
170
5
189
231
304
1.3
P4SMAJ170A
170
5
189
210
275
1.5
P4SMA220 ... P4SMA550CA VWM = 175 ... 495V
© Diotec Semiconductor AG
http://www.diotec.com/
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com