Electronic Components Datasheet Search
  English  ▼

X  

PCF8562TT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8562TT
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562TT Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8562TT Datasheet HTML 1Page - NXP Semiconductors PCF8562TT Datasheet HTML 2Page - NXP Semiconductors PCF8562TT Datasheet HTML 3Page - NXP Semiconductors PCF8562TT Datasheet HTML 4Page - NXP Semiconductors PCF8562TT Datasheet HTML 5Page - NXP Semiconductors PCF8562TT Datasheet HTML 6Page - NXP Semiconductors PCF8562TT Datasheet HTML 7Page - NXP Semiconductors PCF8562TT Datasheet HTML 8Page - NXP Semiconductors PCF8562TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1.
General description
The PCF8562 is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 32 segments. The PCF8562
is compatible with most microcontrollers and communicates via the two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremented addressing, by hardware subaddressing and by display memory
switching (static and duplex drive modes).
2.
Features and benefits
AEC-Q100 compliant (PCF8562TT/S400/2) for automotive applications
Single chip LCD controller and driver
Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
Selectable display bias configuration: static, 1⁄2, or 1⁄3
Internal LCD bias generation with voltage-follower buffers
32 segment drives:
Up to sixteen 7-segment numeric characters
Up to eight 14-segment alphanumeric characters
Any graphics of up to 128 elements
32
 4-bit RAM for display data storage
Auto-incremented display data loading across device subaddress boundaries
Display memory bank switching in static and duplex drive modes
Versatile blinking modes
Independent supplies possible for LCD and logic voltages
Wide power supply range: from 1.8 V to 5.5 V
Wide logic LCD supply range:
From 2.5 V for low-threshold LCDs
Up to 6.5 V for guest-host LCDs and high-threshold twisted nematic LCDs
Low power consumption
400 kHz I2C-bus interface
No external components required
Manufactured in silicon gate CMOS process
PCF8562
Universal LCD driver for low multiplex rates
Rev. 6 — 16 June 2011
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 18.


Similar Part No. - PCF8562TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8562TT-2 NXP-PCF8562TT-2 Datasheet
433Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 6-16 June 2011
PCF8562TT-S400-2 NXP-PCF8562TT-S400-2 Datasheet
433Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 6-16 June 2011
PCF8562TT/2 NXP-PCF8562TT/2 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8562TT/2 NXP-PCF8562TT/2 Datasheet
195Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 04-18 March 2009
PCF8562TT/S400/2 NXP-PCF8562TT/S400/2 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
More results

Similar Description - PCF8562TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com