Electronic Components Datasheet Search
  English  ▼

X  

PCF8562TT Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8562TT
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562TT Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8562TT Datasheet HTML 26Page - NXP Semiconductors PCF8562TT Datasheet HTML 27Page - NXP Semiconductors PCF8562TT Datasheet HTML 28Page - NXP Semiconductors PCF8562TT Datasheet HTML 29Page - NXP Semiconductors PCF8562TT Datasheet HTML 30Page - NXP Semiconductors PCF8562TT Datasheet HTML 31Page - NXP Semiconductors PCF8562TT Datasheet HTML 32Page - NXP Semiconductors PCF8562TT Datasheet HTML 33Page - NXP Semiconductors PCF8562TT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
30 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
10. Limiting values
[1]
Pass level; Human Body Model (HBM), according to Ref. 6 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 7 “JESD22-A115”.
[3]
Pass level; Charged-Device Model (CDM), according to Ref. 8 “JESD22-C101”.
[4]
Pass level; latch-up testing according to Ref. 9 “JESD78” at maximum ambient temperature (Tamb(max)).
[5]
According to the NXP store and transport requirements (see Ref. 11 “NX3-00092”) the devices have to be
stored at a temperature of +8
C to +45 C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 16.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
VLCD
LCD supply voltage
0.5
+7.5
V
VI
input voltage
on each of the pins CLK,
SDA, SCL, SYNC, SA0,
OSC, A0 to A2
0.5
+6.5
V
VO
output voltage
on each of the pins S0 to
S31, BP0 to BP3
0.5
+7.5
V
II
input current
10
+10
mA
IO
output current
10
+10
mA
IDD
supply current
50
+50
mA
IDD(LCD) LCD supply current
50
+50
mA
ISS
ground supply current
50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
-
100
mW
Vesd
electrostatic discharge
voltage
HBM
[1] -
5000
V
MM
[2] -
200
V
CDM
[3] -
1500
V
Ilu
latch-up current
[4] -
300
mA
Tstg
storage temperature
[5]
65
+150
C
Tamb
ambient temperature
operating device
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com