Electronic Components Datasheet Search
  English  ▼

X  

HT113AA Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT113AA
Description  StreetfighterS LCD Game
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113AA Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT113AA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 11Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 12Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Absolute Maximum Ratings
Supply Voltage.......................VDD-0.3V to 5.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
3.3
V
IDD
Operating Current
3V
No load,
fSYS= 512kHz
¾
300
500
mA
ISTB
Standby current
3V
system halt
¾
1
5mA
VLCD
LCD Supply Voltage
3V
¾¾
3
¾
V
fSYS
Operating Frequency
3V
R= 36kW¾
512
¾
kHz
HT113AA
10
December 14, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com