Electronic Components Datasheet Search
  English  ▼

X  

HT1602L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1602L
Description  40 Dot Matrix LCD Segment Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1602L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1602L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT1602L
40 Dot Matrix LCD Segment Driver
Block Diagram
1
September 1, 2000
Features
·
Operating voltage: 2.7V~5.2V
·
LCD driving voltage: 3.0V~5.0V
·
Applicable LCD duty from 1/8 to 1/16
·
Suitable for various types of LCD panel
·
Bias voltage adjustable from an external
source
General Description
The HT1602L is a dot matrix LCD segment
driver LSI implemented in CMOS technology.
The chip contains 40-bit shift register (two
20-bit shift registers), 40-bit latch (two 20-bit
latches), 40-bit level shifter, 40-bit 4-level
driver and control circuits.
The HT1602L can convert serial data received
from an LCD controller parallel data and then
send them out as LCD driving waveforms to the
LCD panel. The chip is applicable up to 1/16
duty. Furthermore, the bias voltage which de-
termines the LCD driving voltage can be op-
tionally supplied from an external source, thus
the chip is suitable for driving various LCD
panel. These special features increase the ver-
satility of the chip.
Applications
·
Interface with HT163A
·
Electronic dictionaries
·
Portable computers
·
Remote controllers
·
Calculators
DO 1 9
40- bi t
Lev el
Sh i f t e r
20- bi t Lat c h
20- bi t S h i f t
R egi s t er 1
DO 3 9
AL T
V3 V2
40- bi t
4 Le v e l
Dr i v e r
20- bi t Lat c h
20- bi t S h i f t
R egi s t er 2
VD D
VS S
Y3 9
Y0
V5
DI0
DI2 0
CL K
LO A D


Similar Part No. - HT1602L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
More results

Similar Description - HT1602L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER
NJU6407CR NJRC-NJU6407CR Datasheet
315Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER?
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com