Electronic Components Datasheet Search
  English  ▼

X  

HT1602L Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1602L
Description  40 Dot Matrix LCD Segment Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1602L Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1602L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pad No.
X
Y
Pad No.
X
Y
18
-325.00
-780.00
45
195.00
780.00
19
-195.00
-780.00
46
65.00
780.00
20
-65.00
-780.00
47
-65.00
780.00
21
65.00
-780.00
48
-195.00
780.00
22
195.00
-780.00
49
-325.00
780.00
23
325.00
-780.00
50
-455.00
780.00
24
455.00
-780.00
51
-585.00
780.00
25
585.00
-780.00
52
-715.00
780.00
26
715.00
-780.00
53
-845.00
780.00
27
845.00
-780.00
Pad Description
Pad No.
Pad Name
I/O
Description
1~5
Y15~Y19
O LCD driver output for segment*
6
VDD
¾ Positive power supply
7~26
Y20~Y39
O LCD driver output for segment
27
DO39
O Shift register output pad for the 40th bit data
28
DI20
I
Data input pad of shift register 2
29
DO19
O Shift register output pad for the 20th bit data
30, 31, 32
V5, V3, V2
I
LCD bias supply voltage
33
VSS
¾ Negative power supply, ground
34
VDD
¾ Positive power supply
35
CLK
I
Clock pulse input pad for the shift register
36
DI0
I
Data input pad of shift register 1
37
LOAD
I
Latching signal to latch shift register data
38
ALT
I
Alternate signal input pad for LCD driving waveform
39~53
Y0~Y14
O LCD driver output for segment*
*: For Y0~Y39, one of VDD, V2, V3 or V5 is selected as a display driving source according to the
combination of latched data level and ALT signal. Refer to the following table:
Latched Data
ALT
Display data output level
H
HV5
LVDD
L
HV3
LV2
HT1602L
3
September 1, 2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com