Electronic Components Datasheet Search
  English  ▼

X  

HT1608L Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1608L
Description  2x 20 Channel LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1608L Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1608L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 9Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 10Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 11Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Channel 1 used as a segment driver and channel 2 as a common driver (MODE=H)
When channel 2 is used as a common driver, MODE is connected to VDD. Channel 2 will shift data
on the rising edge of CLK1 and shift latch data on the rising edge of CLK2.
Static driver
When the HT1608L is used as a static driver, data is transferred on the falling edge of CLK2 and
latched on the falling edge of CLK1. The frequency of CLK1 becomes the frame frequency of the LCD
driver. The frequency of ALT has to be twice the frequency of CLK1. ALT has to be synchronized on
the falling edge of CLK1.
The power supply for the LCD driver is used by shortening V1, V4 and V6 or V2, V3 and V5. One of
the LCD output terminals can be used as a common output. The application circuit connections are
shown below:
HT1608L
9
27th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com