Electronic Components Datasheet Search
  English  ▼

X  

HT1608L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1608L
Description  2x 20 Channel LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1608L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1608L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT1608L
2
×20 Channel LCD Driver
Block Diagram
Features
•
Operating voltage: 2.7V~5.2V
•
LCD driving voltage: 3.0V~5.0V
•
40 internal LCD drivers available
•
Bias voltage: static to 1/5 bias
•
LCD driver with serial/parallel conversion
function
•
Common or segment driver output by
selection
General Description
The HT1608L is an LCD driver LSI with 40
output channels using CMOS technology. It is
equipped with two sets of 20-bit bidirectional
shift registers, 20-bit data latches, 20-bit LCD
drivers, and logic control circuits.
The HT1608 can convert serial data received
from an LCD controller into parallel data and
send out LCD driving waveforms to the LCD
panel. The HT1608L is designed for general
purpose LCD drivers. It can drive both static
and dynamic drive LCDs. The chip can be ap-
plied to a common driver or a segment driver.
Applications
•
Electronic dictionaries
•
Portable computers
•
Remote controllers
•
Calculators
1
27th Aug ’98


Similar Part No. - HT1608L

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT1608 HOTCHIP-HT1608 Datasheet
414Kb / 4P
Primary-side feedback PFM converter
logo
Holtek Semiconductor In...
HT1608 HOLTEK-HT1608 Datasheet
524Kb / 11P
2×20 Channel LCD Driver
More results

Similar Description - HT1608L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
256 CHANNEL TFT-LCD GATE DRIVER
logo
Holtek Semiconductor In...
HT1609L HOLTEK-HT1609L Datasheet
365Kb / 10P
2x 40 Channel LCD Driver
25th Aug 98
logo
Hitachi Semiconductor
HD44100 HITACHI-HD44100 Datasheet
360Kb / 10P
LCD Driver with 40-Channel Outputs
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
Dot Matrix LCD 80-Channel Driver
logo
Advanced Analogic Techn...
AAT3104 ANALOGICTECH-AAT3104 Datasheet
1Mb / 15P
Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
LAPIS Semiconductor Co....
ML9058E LAPIS-ML9058E Datasheet
439Kb / 76P
132-Channel LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com