Electronic Components Datasheet Search
  English  ▼

X  

HT16220 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT16220
Description  RAM Mapping 32x8 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16220 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT16220 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Name
ID
Command Code
D/C
Function
Def.
F32
100 101X-0101-X
C Time base clock output: 32Hz
The WDT time-out flag after: 1/8 s
F64
100 101X-0110-X
C Time base clock output: 64Hz
The WDT time-out flag after: 1/16 s
F128
100 101X-0111-X
C Time base clock output: 128Hz
The WDT time-out flag after: 1/32 s Yes
TEST
100 1110-0000-X
C Test mode, user don¢t use.
NORMAL
100 1110-0011-X
C Normal mode
Yes
Note: X : Don¢t care
A5~A0 : RAM address
D3~D0 : RAM data
D/C : Data/Command mode
Def. : Power on reset default
All the bold forms, namely 110, 101, and 100, are mode commands. Of these, 100 indicates the
command mode ID. If successive commands have been issued, the command mode ID except for the
first command will be omitted. The source of the tone frequency and of the time base/WDT clock fre-
quency can be derived from a 32.768kHz crystal oscillator or an external 32kHz clock. Calculation of
the frequency is based on the system frequency sources as stated above. It is recommended that the
host controller should initialize the HT16220 after power on reset, for power on reset may fail, which
in turn leads to malfunctioning of the HT16220.
HT16220
16
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com