Electronic Components Datasheet Search
  English  ▼

X  

HT16220 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16220
Description  RAM Mapping 32x8 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16220 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16220 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16220 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Pad Description
Pad No.
Pad Name
I/O
Description
1CS
I
Chip selection input with pull-high resistor. When the CS is
logic high, the data and command read from or written to the
HT16220 are disabled. The serial interface circuit is also reset
But if the CS is at logic low level and is input to the CS pad, the
data and command transmission between the host controller
and the HT16220 are all enabled.
2RD
I
READ clock input with pull-high resistor. Data in the RAM of
the HT16220 are clocked out on the rising edge of the RD sig-
nal. The clocked out data will appear on the data line. The host
controller can use the next falling edge to latch the clocked out
data.
3WR
I
WRITE clock input with pull-high resistor. Data on the DATA
line are latched into the HT16220 on the rising edge of the WR
signal.
4
DATA
I/O Serial data input/output with pull-high resistor
5
VSS
¾ Negative power supply, ground
6
VDD
¾ Positive power supply
7
VLCD
I
LCD operating voltage input pad.
8
IRQ
O Time base or watchdog timer overflow flag, NMOS open drain
output.
9, 10
BZ, BZ
O 2kHz or 4kHz tone frequency output pair
11
OSCO
O Crystal oscillator output pin
12
OSCI
I
Crystal oscillator input pin
13~15
T1~T3
I
Not connected
16~23
COM0~COM7
O LCD common outputs
24~55
SEG0~SEG31
O LCD segment outputs
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V
Storage Temperature ................-50°Cto125°C
Input Voltage ................VSS-0.3V to VDD+0.3V
Operating Temperature .............-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT16220
5
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com