Electronic Components Datasheet Search
  English  ▼

X  

HT1626 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1626
Description  RAM Mapping 48x16 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1626 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1626 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HT1626
8
April 21, 2000
90%
50%
10%
GN D
W R , R D
Cl o c k
t f
t r
t CL K
t CL K
V DD
Figure 1
50%
VA L I D D A T A
50%
DB
W R , R D
Cl o c k
GN D
t su
t h
V DD
V DD
GN D
Figure 2
CS
GN D
50 %
50 %
FI R S T
Cl o c k
LA S T
Cl o c k
GN D
W R , R D
Cl o c k
t su 1
t h1
t CS
V DD
V DD
Figure 3
Functional Description
Display memory - RAM structure
The static display RAM is organized into 192´4
bits and stores the display data. The contents of
the RAM are directly mapped to the contents of
the LCD driver. Data in the RAM can be ac-
cessed by the READ, WRITE and READ-MOD-
IFY-WRITE commands. The following is a map-
ping from the RAM to the LCD patterns.
Time base and Watchdog Timer - WDT
The time base generator and WDT share the
same divided (/256) counter. TIMER DIS/EN/CLR
, WDT DIS/EN/CLR and IRQ EN/DIS are inde-
pendent from each other. Once the WDT
time-out occurs, the IRQ pin will remain at
logic low level until the CLR WDT or the IRQ
DIS command is issued.
SE G 0
SE G 1
SE G 2
SE G 3
SE G 4 7
CO M 1 2
CO M 1 3
CO M 1 4
CO M 1 5
A ddr
191
3
7
11
15
CO M 0
CO M 1
CO M 2
CO M 3
A ddr
188
0
4
12
8
Da t a 4 B i t s
( D 3, D 2, D 1, D 0)
A ddr es s 8 B i t s
( A 7 , A 6 , .... , A 0 )
D3
D2
D1
D0
Da t a
D3
D2
D1
D0
Da t a
RAM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com