Electronic Components Datasheet Search
  English  ▼

X  

HT1627 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1627
Description  RAM Mapping 64x16 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1627 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1627 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1627 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Name
ID
Command Code
D/C
Function
Def.
F8
100 101X-0011-X
C Time base clock output: 8Hz
The WDT time-out flag after: 1/2 s
F16
100 101X-0100-X
C Time base clock output: 16Hz
The WDT time-out flag after: 1/4 s
F32
100 101X-0101-X
C Time base clock output: 32Hz
The WDT time-out flag after: 1/8 s
F64
100 101X-0110-X
C Time base clock output: 64Hz
The WDT time-out flag after: 1/16 s
F128
100 101X-0111-X
C Time base clock output: 128Hz
The WDT time-out flag after: 1/32 s Yes
TEST
100 1110-0000-X
C Test mode, user don¢t use.
NORMAL
100 1110-0011-X
C Normal mode
Yes
Note: X : Don¢t care
A7~A0 : RAM address
D3~D0 : RAM data
D/C : Data/Command mode
Def. : Power on reset default
All the bold forms, namely 110, 101, and 100, are mode commands. Of these, 100 indicates
the command mode ID. If successive commands have been issued, the command mode ID ex-
cept for the first command will be omitted. The source of the tone frequency and of the time
base/WDT clock frequency can be derived from an on-chip 32kHz RC oscillator or an external
32kHz clock. Calculation of the frequency is based on the system frequency sources as stated
above. It is recommended that the host controller should initialize the HT1627 after power on
reset, for power on reset may fail, which in turn leads to the malfunctioning of the HT1627.
HT1627
16
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com