Electronic Components Datasheet Search
  English  ▼

X  

MJD50 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD50
Description  High Voltage Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD50 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD50 Datasheet HTML 1Page - ON Semiconductor MJD50 Datasheet HTML 2Page - ON Semiconductor MJD50 Datasheet HTML 3Page - ON Semiconductor MJD50 Datasheet HTML 4Page - ON Semiconductor MJD50 Datasheet HTML 5Page - ON Semiconductor MJD50 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 15
1
Publication Order Number:
MJD47/D
MJD47, NJVMJD47T4G,
MJD50, NJVMJD50T4G
High Voltage Power
Transistors
DPAK for Surface Mount Applications
Designed for line operated audio output amplifier, switchmode supply
drivers and other switching applications.
Features
• Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
• Electrically Similar to Popular TIP47, and TIP50
• Epoxy Meets UL 94 V−0 @ 0.125 in
• NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
MJD47, NJVMJD47T4G
MJD50, NJVMJD50T4G
VCEO
250
400
Vdc
Collector−Base Voltage
MJD47, NJVMJD47T4G
MJD50, NJVMJD50T4G
VCB
350
500
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current − Continuous
IC
1
Adc
Collector Current − Peak
ICM
2
Adc
Base Current
IB
0.6
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25
°C
PD
15
0.12
W
W/
°C
Total Power Dissipation (Note 1)
@ TA = 25°C
Derate above 25
°C
PD
1.56
0.0125
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
°C
ESD − Human Body Model
HBM
3B
V
ESD − Machine Model
MM
C
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. These ratings are applicable when surface mounted on the minimum pad
sizes recommended.
NPN SILICON POWER
TRANSISTORS
1 AMPERE
250, 400 VOLTS, 15 WATTS
DPAK
CASE 369C
STYLE 1
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
Jxx
= Device Code
xx = 47 or 50
G
= Pb−Free Package
AYWW
JxxG
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
3
2
1
4
1
BASE
3
EMITTER
COLLECTOR
2, 4


Similar Part No. - MJD50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD50 MOTOROLA-MJD50 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
logo
ON Semiconductor
MJD50 ONSEMI-MJD50 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS
1995 REV 1
logo
STMicroelectronics
MJD50 STMICROELECTRONICS-MJD50 Datasheet
87Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2000
logo
Fairchild Semiconductor
MJD50 FAIRCHILD-MJD50 Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
logo
Guangdong Kexin Industr...
MJD50 KEXIN-MJD50 Datasheet
40Kb / 1P
NPN Epitaxial Silicon Transistor
More results

Similar Description - MJD50

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
HIGH VOLTAGE POWER TRANSISTORS
BU326 BOCA-BU326 Datasheet
129Kb / 3P
HIGH VOLTAGE POWER TRANSISTORS
logo
TAITRON Components Inco...
TIP47 TAITRON-TIP47 Datasheet
179Kb / 4P
NPN High Voltage Power Transistors
logo
ON Semiconductor
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
High Voltage Power Transistors
January, 2011 ??Rev. 10
MJD340 ONSEMI-MJD340_11 Datasheet
126Kb / 5P
High Voltage Power Transistors
January, 2011 ??Rev. 8
MJE4343G ONSEMI-MJE4343G Datasheet
138Kb / 8P
High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
logo
Fairchild Semiconductor
MJD350TF FAIRCHILD-MJD350TF Datasheet
43Kb / 4P
High Voltage Power Transistors
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
High Voltage Power Transistors
June, 2016 ??Rev. 12
MJD47 ONSEMI-MJD47_14 Datasheet
81Kb / 6P
High Voltage Power Transistors
August, 2014 ??Rev. 15
MJE2955T ONSEMI-MJE2955T_15 Datasheet
66Kb / 4P
High Voltage Power Transistors
January, 2015 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com