Electronic Components Datasheet Search
  English  ▼

X  

MJD50 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD50
Description  High Voltage Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD50 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD50 Datasheet HTML 1Page - ON Semiconductor MJD50 Datasheet HTML 2Page - ON Semiconductor MJD50 Datasheet HTML 3Page - ON Semiconductor MJD50 Datasheet HTML 4Page - ON Semiconductor MJD50 Datasheet HTML 5Page - ON Semiconductor MJD50 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD47, NJVMJD47T4G, MJD50, NJVMJD50T4G
http://onsemi.com
4
5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.005
500
1
0.2
0.05
0.02
SECOND BREAKDOWN LIMIT
THERMAL LIMIT @ 25
°C
WIRE BOND LIMIT
20
200
10
TC ≤ 25°C
100
ms
1ms
dc
0.01
0.1
0.5
2
5
Figure 6. Active Region Safe Operating Area
100
50
300
CURVES APPLY BELOW
RATED VCEO
MJD50
MJD47
500
ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 6 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
≤ 150_C. TJ(pk) may be calculated from the data in
Figure 5. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
0.02
0.2
2
0.1
0.05
0.5
1
5
IC, COLLECTOR CURRENT (AMPS)
TJ = 25°C
VCC = 200 V
IC/IB = 5
2
1
0.5
0.2
0.1
0.05
Figure 7. Turn−On Time
Figure 8. Turn-Off Time
IC, COLLECTOR CURRENT (AMPS)
0.01
1
0.5
0.1
0.05
0.02
0.02
0.2
2
0.1
0.05
0.5
1
tr
td
ts
tf
TJ = 25°C
VCC = 200 V
IC/IB = 5
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com