Electronic Components Datasheet Search
  English  ▼

X  

HT27C020 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT27C020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C020 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT27C020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Functional Description
Programming of the HT27C020
When the HT27C020 is delivered, the chip has
all 2048K bits in the “ONE”, or HIGH state.
“ZEROs” are loaded into the HT27C020 through
programming.
The programming mode is entered when
12.5
±0.2V is applied to the VPP pin, OE is at VIH,
and CE and PGM are VIL. For programming, the
data to be programmed is applied with 8 bits in
parallel to the data pins.
The programming flowchart in Figure 3
shows the fast interactive programming algo-
rithm. The interactive algorithm reduces pro-
gramm ing tim e by using 30
µs to 105µs
programming pulses and giving each address
only as many pulses as is necessary in order to
reliably program the data. After each pulse is
applied to a given address, the data in that
address is verified. If the data is not verified,
additional pulses are given until it is verified
or until the maximum number of pulses is
reached while sequencing through each ad-
dress of the HT27C020. This process is re-
peated while sequencing through each address
of the HT27C020. This part of the program-
ming algorithm is done at VCC=6.0V to assure
that each EPROM bit is programmed to a suf-
ficiently high threshold voltage. This ensures
that all bits have sufficient margin. After the
final address is completed, the entire EPROM
memory is read at VCC=VPP=5.25
±0.25V to ver-
ify the entire memory.
Program inhibit mode
Programming of multiple HT27C020 in parallel
with different data is also easily accomplished by
using the Program Inhibit Mode. Except for CE,
all like inputs of the parallel HT27C020 may be
common. A TTL low-level program pulse applied to
an HT27C020 CE input with Vpp=12.5
±0.2V, PGM
LOW, and OE HIGH will program that HT27C020.
A high-level CE input inhibits the HT27C020 from
being programmed.
Program verify mode
Verification should be performed on the pro-
grammed bits to determine whether they were
correctly programmed. The verification should
be performed with OE and CE at VIL, PGM at
VIH, and VPP at its programming voltage.
Auto product identification
The Auto Product Identification mode allows
the reading out of a binary code from an
EPROM that will identify its manufacturer and
the type. This mode is intended for program-
ming to automatically match the device to be
programmed with its corresponding program-
ming algorithm. This mode is functional in the
25
°C±5°C ambient temperature range that is
required when programming the HT27C020.
To activate this mode, the programming equip-
ment must force 12.0
±0.5V on the address line A9
of the HT27C020. Two identifier bytes may then
be sequenced from the device outputs by toggling
address line A0 from VIL to VIH, when A1=VIH. All
other address lines must be held at VIH during
Auto Product Identification mode.
Byte 0 (A0=VIL) represents the manufacturer
code, and byte 1 (A0=VIH), the device code. For
HT27C020, these two identifier bytes are given in
the Operation mode truth table. All identifiers for
the manufacturer and device codes will possess
odd parity, with the MSB (DQ7) defined as the
parity bit. When A1=VIL, the HT27C020 will read
out the binary code of 7F, continuation code, to
signify the unavailability of manufacturer ID
codes.
Read mode
The HT27C020 has two control functions, both
of which must be logically satisfied in order to
obtain data at outputs. Chip Enable (CE) is the
power control and should be used for device
selection. Output Enable (OE) is the output
control and should be used to gate data to the
output pins, independent of device selection.
Assuming that addresses are stable, address
access time (tACC) is equal to the delay from CE
HT27C020
6
10th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com