Electronic Components Datasheet Search
  English  ▼

X  

HT27C020 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT27C020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C020 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT27C020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
to output (tCE). Data is available at the outputs
(tOE) after the falling edge of OE, assuming the
CE has been LOW and addresses have been
stable for at least tACC-tOE.
Standby mode
The HT27C020 has CMOS standby mode which
reduces the maximum VCC current to 10
µA. It
is placed in CMOS standby when CE is at
VCC
±0.3V. The HT27C020 also has a TTL-
standby mode which reduces the maximum
VCC current to 1.0mA. It is placed in TTL-
standby when CE is at VIH. When in standby
mode, the outputs are in a high-impedance
state, independent of the OE input.
Two-line output control function
To accommodate multiple memory connections,
a two-line control function is provided to allow
for:
• Low memory power dissipation
• Assurance that output bus contention will not
occur
It is recommended that CE be decoded and used
as the primary device-selection function, while
OE be made a common connection to the READ
line from the system control bus. This assures
that all deselected memory devices are in their
low-power standby mode and that the output
pins are only active when data is desired from a
particular memory device.
System considerations
During the switch between active and standby
conditions, transient current peaks are pro-
duced on the rising and falling edges of Chip
Enable. The magnitude of these transient cur-
rent peaks is dependent on the output capaci-
tance loading of the device. At a minimum, a
0.1
µF ceramic capacitor (high frequency, low
inherent inductance) should be used on each
device between VCC and VPP to minimize tran-
sient effects. In addition, to overcome the volt-
age drop caused by the inductive effects of the
printed circuit board traces on EPROM arrays,
a 4.7
µF bulk electrolytic capacitor should be
used between VCC and VPP for each eight de-
vices. The location of the capacitor should be
close to where the power supply is connected to
the array.
Operation mode truth table
All the operation modes are shown in the table following.
Mode
CE
OE
PGM
A0
A1
A9
VPP
Output
Read
VIL
VIL
X (2)
X
X
X
VCC
Dout
Output Disable
VIL
VIH
XX
X
X
VCC
High Z
Standby (TTL)
VIH
XX
X
X
X
VCC
High Z
Standby (CMOS)
VCC
± 0.3V
XX
X
X
X
VCC
High Z
Program
VIL
VIH
VIL
XX
X
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
X
VPP
DOUT
Product Inhibit
VIH
XX
X
X
X
VPP
High Z
Manufacturer Code (3)
VIL
VIL
XVIL
VIH
VH (1)
VCC
1C
Device Type Code (3)
VIL
VIL
XVIH
VIH
VH (1)
VCC
02
Notes: (1) VH = 12.0V
± 0.5V
(2) X=Either VIH or VIL
(3) For Manufacturer Code and Device Code, A1=VIH, When A1=VIL, both codes will read 7F
HT27C020
7
10th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com