Electronic Components Datasheet Search
  English  ▼

X  

HT82M98A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M98A
Description  3D USBPS2 Mouse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M98A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M98A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin Description
Pin No. Pin Name I/O
Description
USB Interface (2 pins)
3
USBD+/
CLK
I/O USB data plus or PS2 Clock, F/W auto-detect USBD+ for USB, CLK
for PS2
4
USBD-/
DATA
I/O USB data minus or PS2 Data, F/W auto-detect USB- for USB, DATA
for PS2
General purpose I/O (9 pins)
6, 7
X1, X2
I
X-axis photo input with built-in Holtek's special dynamic photo in-
put resistor
8, 9
Y1, Y2
I
Y-axis photo input with built-in Holtek's special dynamic photo in-
put resistor
10, 11
Z1, Z2
I
Z-axis input supports two kinds of scroller input; optomechanical
and mechanical
12, 13,
14
L, R, M
I
Input ports with pull-high resistor. These pads can function as Left,
Right and Middle button input lines.
Miscellaneous (7 pins)
1
VSS
¾ Negative power supply, ground.
2
V33O
O 3.3V voltage output
5
RESET
I
Chip reset input, low active
15
LED
I/O Drives LED output
16
VDD
¾ 5V positive power supply
17
OSC2
O 6MHz OSC output
18
OSC1
I
6MHz OSC input
HT82M98A
3
June 14, 2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com