Electronic Components Datasheet Search
  English  ▼

X  

HT82M98A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82M98A
Description  3D USBPS2 Mouse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M98A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82M98A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M98A Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC) 5V
¾
0
6000
¾
kHz
tWDTosc Watchdog Oscillator
¾¾
80
100
120
ms
tWDT
Watchdog Time-out Period
(RC OSC)
¾¾
768
1024 1280
ms
tPWRT
Power-up Timer Period
¾¾
¾
10
¾
ms
tOST
Oscillation Start-up Timer
Period
¾ Power-up or wake-up
form HALT
¾
1024
¾
tSYS
Note: tSYS=1/fSYS
HT82M98A
5
June 14, 2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com