Electronic Components Datasheet Search
  English  ▼

X  

HT84384 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT84384
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84384 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT84384 Datasheet HTML 5Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 6Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 7Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 8Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 9Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 10Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 11Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 12Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
HT84192
Unit: mm
Pad No.
X
Y
Pad No.
X
Y
1
-1125.31
-1062.76
10
320.15
-1951.74
2
-1177.49
-1576.29
11
505.75
-1951.74
3
-939.68
-2062.11
12
656.55
-1951.74
4
-689.05
-1951.74
13
842.15
-1951.74
5
-503.45
-1951.74
14
992.95
-1951.74
6
-352.65
-1951.74
15
1178.55
-1951.74
7
-167.05
-1951.74
16
1167.43
-1694.68
8
-16.25
-1951.74
17
1167.53
-1554.58
9
169.35
-1951.74
18
1167.53
-1213.46
HT84384
Unit: mm
Pad No.
X
Y
Pad No.
X
Y
1
-1121.81
-2507.96
10
323.65
-3396.94
2
-1173.99
-3021.49
11
509.25
-3396.94
3
-936.18
-3507.31
12
660.05
-3396.94
4
-685.55
-3396.94
13
845.65
-3396.94
5
-499.95
-3396.94
14
996.45
-3396.94
6
-349.15
-3396.94
15
1182.05
-3396.94
7
-163.55
-3396.94
16
1170.93
-3139.88
8
-12.75
-3396.94
17
1171.03
-2999.78
9
172.85
-3396.94
18
1171.03
-2658.66
Pin Description
Pin No. Pin Name I/O
Internal
Connection
Description
1~5,
24~28
NC
¾¾
No connection
6
VDD
¾¾
Positive power supply
7
AUD0
O
PMOS
Open Drain Audio output for driving an external transistor
8
AUD1
O
PMOS
Open Drain Audio output for driving an external transistor
15~9
PB1~PB7
I/O Pull-high or
CMOS
Bidirectional I/O pins
Can be optioned as trigger inputs or LED outputs
16
PB0
I/O Pull-high or
CMOS
Bidirectional I/O pins
Can be optioned as CDS interface with internal
Schmitt trigger input
HT84XXX
9
April 26, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com