Electronic Components Datasheet Search
  English  ▼

X  

HT84384 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT84384
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84384 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT84384 Datasheet HTML 13Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 14Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 15Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 16Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 17Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 18Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 19Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 20Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Push-pull amplifilter application
OP amplifilter application
HT84XXX
17
April 26, 2000
PA0 IN P U T 1
IN P U T 2
IN P U T 3
IN P U T 4
OU T 7
OU T 6
OU T 5
OU T 4
OU T 3
OU T 2
OU T 1
OS C
A UD0
A UD1
OU T 8
VD D
8050
VS S
R OS C
47 m F
8550
8050
8550
PB 7
PB 6
PB 5
PB 4
PB 3
PB 2
PB 1
PB 0
PA 1
PA 2
PA 3
V DD
V DD
47 m F
470 W
470 W
PA0 IN P U T 1
IN P U T 2
IN P U T 3
IN P U T 4
OU T 7
OU T 6
OU T 5
OU T 4
OU T 3
OU T 2
OU T 1
OS C
A UD0
A UD1
OU T 8
VD D
VS S
R OS C
0. 1 m F
560 W
10k W
560 W
T o P ow er
Am p
T o P ow er
Am p
PA 1
PA 2
PA 3
PB 7
PB 6
PB 5
PB 4
PB 3
PB 2
PB 1
PB 0
V DD
10k W
0. 1 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com