Electronic Components Datasheet Search
  English  ▼

X  

HT9011 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9011
Description  FM IF Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9011 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9011 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT9011
FM IF Detector
Block Diagram
1
March 1, 2000
Preliminary
Features
·
Operating voltage: 1.1V~3.5V
·
Constant power supply voltage can be gen-
erated by externally adding a transistor:
VREG=1.0V typ.
·
Alarm function sensitivity: VALM=1.1V typ.
·
Low current consumption: ICCQ=1.1mA typ.
·
Built-in 2nd stage mixer for double conver-
sion method
·
Mixer operating frequency: 10MHz~50MHz
·
Built-in low-pass filter and waveform shap-
ing circuit enable the extraction of FSK sig-
nals from voice signals
·
Built-in battery-saving function for longer
battery life time
·
High transmission rate: 1200 bps
·
20-pin SSOP package (0.65mm Pitch)
General Description
The HT9011 is designed for FM communication
system devices. It combines a paging system,
mixer, IF limiter, Quadrature detector, opera-
tion amplifier, comparator and more. The
HT9011 could provide the customer¢s PAGER
system with total solution along with Holtek¢s
POCSAG Pager Controller series products.
RE G .
A L A R M
FS K
CO M P .
Qu i c k
C har ge
RE G C
GN D
RE G O
A L M
F SKO
CHG
L P F O
BS
VC C
F SKR
Q uad D et
AF O
QUA D
IF O
DE C
LP F I
AM P
IF A m p
IF IN
MI X I
OS C
OS C O
OS C I
M I X O
Mi x e r


Similar Part No. - HT9011

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
RF Single Chip for Cordless Phone
April 10, 2000
More results

Similar Description - HT9011

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
Integrated Circuit FM IF Amplifier, Detector
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
FM IF DETECTOR/AMPLIFIER
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
FM IF limiter amplifier and detector
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
FM IF Detector IC
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
FM IF detector for cordless phones
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
FM IF Detector IC
May, 2013
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
Narrowband FM Coilless Detector IF Subsystem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com