Electronic Components Datasheet Search
  English  ▼

X  

HT9011 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9011
Description  FM IF Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9011 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9011 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin No.
Pin Name
I/O
Description
14
CHG
I
Control pin for quick charge-discharge circuit.
²H² turn on quick charge-discharge
²L² turn off quick charge-discharge
15
FSKO
O
FSK NRZ data output
16
ALM
O
Output pin for Low Voltage Alarm
At VCC@1.1V, this pin becomes ²H² (@VCC) and can indicate dete-
rioration of battery.
17
REGC
O
Control pin of external transistor for regulator of external power
supply.
Externally connect the PNP transistor
18
REGO
O
Output voltage monitoring pin of regulator for external power
supply.
19
GND
¾
Negative power supply, ground
20
MIXI
I
MIXER Input terminal
Absolute Maximum Ratings
Power Supply Voltage............VCC-0.3V to 4.0V
Power Dissipation ..................................730mW
Operating Temperature range ........0°Cto45°C
Storage Temperature.................-55°Cto150°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT9011
3
March 1, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com