Electronic Components Datasheet Search
  English  ▼

X  

HT9200 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9200
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9200 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT9200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Table 2: Digits vs. input data vs. tone output frequency (parallel mode)
Digit
D3
D2
D1
D0
Tone Output Frequency (Hz)
10
0
0
1
697
+1209
20
0
1
0
697
+1336
30
0
1
1
697
+1477
40
1
0
0
770
+1209
50
1
0
1
770
+1336
60
1
1
0
770
+1477
70
1
1
1
852
+1209
81
0
0
0
852
+1336
When the system is operating in the serial mode
a pull-high resistor is attached to D0~D3 (for
parallel mode) on the input terminal.
For the HT9200B, the S/P pin has to be connected
low for serial mode operation.
Parallel mode ( HT9200B)
The HT9200B provides four data inputs D0~D3
to generate their corresponding DTMF signals.
The S/P has to be connected high to select the
parallel operation mode. Then the input data
codes should be determined. Finally, the CE is
connected low to transmit the DTMF signal
from the DTMF pin.
The TDE time (about 6ms) will be delayed from the
CE falling edge to the DTMF signal output.
The relationship between the digital codes and
the tone output frequency is illustrated in Table 2.
As for the control timing diagram, see Figure 2.
When the system is operating in the parallel
mode, D0~D3 are all in the floating state. Thus,
these data input pins should not float.
Figure 1
HT9200A/B
6
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com