Electronic Components Datasheet Search
  English  ▼

X  

HT9200 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9200
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9200 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

  HT9200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digit
D3
D2
D1
D0
Tone Output Frequency (Hz)
91
0
0
1
852
+1477
01
0
1
0
941
+1336
∗
10
1
1
941
+1209
#
11
0
0
941
+1477
A1
1
0
1
697
+1633
B1
1
1
0
770
+1633
C1
1
1
1
852
+1633
D0
0
0
0
941
+1633
Tone frequency
Output Frequency (Hz)
%Error
Specified
Actual
697
699
+0.29%
770
766
–0.52%
852
847
–0.59%
941
948
+0.74%
1209
1215
+0.50%
1336
1332
–0.30%
1477
1472
–0.34%
% Error does not contain the crystal frequency drift
Figure 2
HT9200A/B
7
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com