Electronic Components Datasheet Search
  English  ▼

X  

HT9320L Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9320L
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320L Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9320L Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Pin Name I/O
Internal
Connection
Description
CLOCK
O
NMOS OUT
NMOS open drain output. When dialing, it outputs a series of
pulse trains for DOUT data synchronization. DOUT data is
valid at the falling edge of clock.
VDD
I
¾
Positive power supply, 2.0V~5.5V for normal operation
VSS
I
¾
Negative power supply
HST
I
CMOS IN
Pull-low
(HT9320A)
On-hook store enable input
HST=VDD: On-hook store (HT9320A/H)
HST=Floating: Off-hook store (HT9320A)
HST=VSS: Off-hook store (HT9320H)
The Pull-low resistance is 200kW typ.
CMOS IN
(HT9320H)
M/B
I
CMOS IN
Pull-high
(HT9320A)
Make/Break ratio selection
M/B=VSS: 33.3/66.6 (HT9320A)
M/B=Floating: 40/60 (HT9320A)
M/B=VDD: 33.3/66.6 (HT9320H)
M/B=VSS: 40/60 (HT9320H)
The pull-high resistance is 200kW typ.
CMOS IN
(HT9320H)
KT
O
CMOS OUT
Keytone output pin. Outputs a 1.2kHz tone carrier for 34ms
each time a key is pressed in the pulse mode.
Approximate internal connection circuits
HT9320
7
July 21, 1999
NM O S O UT
VD D
CM O S I N/ O U T
CM O S O UT
CM O S I N
Pu l l - l o w
CM O S I N
Pu l l - h i g h
CM O S I N
OS C I L L A T OR
X1
X2
EN
10M
20pF
10pF
VD D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com