Electronic Components Datasheet Search
  English  ▼

X  

HT9320L Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT9320L
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320L Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT9320L Datasheet HTML 20Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 21Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 22Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 23Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 24Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 25Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 26Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 27Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
One key redial operation
CLOCK & DOUT operating
HT9320
24
July 21, 1999
T RP
(1 s e c )
T BR K ( 1 . 2 se cs)
T IT P M
T IT P M
H i gh I m pedan c e
T IT P M
T IT P M
KE Y I N
X2
DT M F
D1
D2
R
KT
T DB
T DB
T DB
PO
HK S
XM U T E
20m s
No t e : D 1 = D3 = 3
D2 = 2
F CL O C K =2 . 4 k H z
Da t a
T PD P
T DB
T B
T M
H i gh I m pedan c e
X2
D1
CL O C K
DO UT
KT
T KT ( 34m s )
1. 2k H z C ar r i er
KE Y I N
PO
HK S
XM U T E
20m s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com