Electronic Components Datasheet Search
  English  ▼

X  

HTG1390 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HTG1390
Description  4-bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG1390 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HTG1390 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
1.2
1.5
1.8
V
IDD
Operating Current
1.5V
No load,
fSYS=256kHz
—20
—
µA
ISTB
Standby Current
1.5V
No load,
HALT mode
——
1
µA
VIL
Input Low Voltage
1.5V
—
0
—
0.4
V
VIH
Input High Voltage
1.5V
—
1.0
—
1.5
V
IOL1
Port A, BZ & BZ Output Sink
Current
1.5V
VDD=1.5V,
VOL=0.15V
95
100
—
µA
IOH1
Port A, BZ & BZ Output
Source Current
1.5V
VDD=1.5V,
VOH=1.35V
600
700
—
µA
IOL2
Segment Output Sink
Current
1.5V VLCD=3V, VOL=0.3V
100
150
—
µA
IOH2
Segment Output Source
Current
1.5V VLCD=3V, VOH=2.7V
–20
–40
—
µA
RPH
Pull–high Resistance
1.5V PS, PP, RES
30
—
300
k
Ω
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
1.5V R:36k
Ω~2MΩ
38
—
400
kHz
fLCD
LCD Clock
1.5V
—
—
128*
—
Hz
tCOM
LCD Common Period
—
1/3 duty
—
(1/fLCD)
×3—
s
tCY
Cycle Time
—
fSYS=256kHz
—
16
—
µs
tRES
Reset Pulse Width
—
—
5
—
—
ms
fSOUND
Sound Effect Clock
—
—
—
64 or 128
**
—
kHz
Notes: * In general, fLCD is selected and optimized by Holtek depending upon fSYS and the operating
voltage.
** Only these two clocking signal frequencies are supported by the Holtek sound library.
HTG1390
Preliminary
6
17th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com